AD8354ACP-R2
AI

## Overview of AD8354ACP-R2
The **AD8354ACP-R2** is a high-performance, fixed-gain, radio frequency (RF) gain block amplifier manufactured by Analog Devices. It is designed to provide stable amplification across a wide range of frequencies, typically used in wireless infrastructure and broadband applications.
---
### Technical Specifications
The following table summarizes the key electrical characteristics of the AD8354ACP-R2:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 1 MHz to 2.7 GHz |
| **Fixed Gain** | 20 dB (typical at 900 MHz) |
| **Output P1dB** | 4.8 dBm |
| **Noise Figure** | 4.2 dB |
| **Supply Voltage** | 3.0 V to 5.0 V |
| **Supply Current** | 24 mA (typical) |
| **Input/Output Impedance** | 50 $\Omega$ (Internally matched) |
| **Package Type** | 8-lead LFCSP (Lead Frame Chip Scale Package) |
---
### Key Internal Components and Features
1. **Internal Matching Circuitry**:
The device is internally matched to 50 ohms at both the input and output. This eliminates the need for complex external impedance-matching networks, reducing the overall PCB footprint.
2. **Bipolar Process**:
It is fabricated using a high-speed Silicon Germanium (SiGe) Complementary Bipolar process, which allows for high gain-bandwidth products and low noise performance.
3. **Biasing System**:
The part includes an internal active biasing cell. This ensures that the device maintains a stable operating point (current and gain) even if the temperature or supply voltage fluctuates.
---
### Pin Configuration
Below is a representation of the typical pinout for the 8-lead LFCSP package:
| Pin Number | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | NC | No Internal Connection |
| 2 | RFIN | RF Input (AC coupled) |
| 3, 6, 7 | GND | Ground connections |
| 4 | NC | No Internal Connection |
| 5 | RFOUT | RF Output and DC Bias |
| 8 | VPOS | Positive Supply Voltage |
---
### Typical Application Circuit
To use the AD8354, minimal external components are required. A standard configuration involves:
* **DC Blocking Capacitors**: Required at the RFIN and RFOUT pins to prevent DC bias from entering other stages.
* **Decoupling Capacitors**: Placed on the $V_{POS}$ line to filter out power supply noise.
```text
Vcc (3V - 5V)
|
[10nF] (Decoupling)
|
[RFIN]--[C_block]--[ AD8354 ]--[C_block]--[RFOUT]
| | |
[ GND GND ]
```
---
- ⤷
What are the main differences between the AD8354 and the AD8353?
- ⤷ How does the noise figure affect the overall signal-to-noise ratio in this amplifier?
- ⤷ Can this part be used in 5G applications above 3 GHz?