Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AD8363ACPZ-R2

  • AI
    ## Overview of the AD8363ACPZ-R2 The **AD8363ACPZ-R2** is a high-performance precision **RMS-responding power detector** manufactured by Analog Devices. It is designed to accurately measure the power level of complex modulated signals across a wide frequency range. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | TruPwr™ RMS Power Detector | | **Frequency Range** | 50 MHz to 5.8 GHz | | **Dynamic Range** | 50 dB | | **Operating Voltage** | 3.3V to 5.0V | | **Supply Current** | ~60 mA | | **Package Type** | LFCSP-16 (3mm x 3mm) | | **Response Time** | Programmable (via external capacitor) | --- ### 2. Core Functional Components The internal architecture of the AD8363 consists of several critical electronic stages: 1. **VGA (Variable Gain Amplifier):** Acts as the input stage to handle the wide dynamic range of the RF signal. 2. **Square-Law Detector:** Converts the RF input into a signal proportional to the square of the voltage (representing power). 3. **Integrator (Error Amplifier):** Compares the detected signal against an internal reference to generate a stable DC output. 4. **Temperature Sensor:** Includes internal compensation circuitry to ensure measurement stability across a wide temperature range (-40°C to +125°C). --- ### 3. Application Areas The AD8363 is primarily used in telecommunications and RF engineering for: * **Transmitter Power Monitoring:** Ensuring power amplifiers (PA) stay within legal and operational limits. * **RSSI (Received Signal Strength Indicator):** Measuring signal strength in receivers. * **VGA Control:** Used in feedback loops to automatically adjust gain (AGC circuits). * **Measurement of Complex Waveforms:** Specifically designed for CDMA, W-CDMA, and QAM modulated signals where peak-to-average ratios are high. --- ### 4. Typical Connection Diagram ```mermaid graph LR RF_IN[RF Input Signal] --> AD8363 AD8363 --> VOUT[DC Output Voltage] AD8363 --> CLPF[Filter Capacitor] VREF[Reference Voltage] --> AD8363 ``` ### 5. Pin Configuration Highlights * **INHI / INLO:** Differential RF inputs. * **VOUT:** The DC output voltage proportional to the log of the input power (typically 50 mV/dB). * **VREF:** Provides a stable 2.3V reference for external use or biasing. * **PWDN:** Power-down pin used to put the device into a low-current standby mode.
    ✨ Follow-up Questions
    • ⤷ How does the AD8363 handle signals with high crest factors compared to peak detectors?
    • ⤷ What is the significance of the 'R2' suffix in the part number?
    • ⤷ How do you calculate the output voltage for a specific RF input power level?