Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AD8398AACPZ-R2

  • AI
    ## Overview of the AD8398AACPZ-R2 The **AD8398AACPZ-R2** is a high-output current, dual-channel operational amplifier specifically designed for line driving in **VDSL/VDSL2** (Very-high-bit-rate Digital Subscriber Line) applications. It is manufactured by Analog Devices and is optimized for low distortion and high power efficiency. --- ### Technical Specifications The following table outlines the key electrical and physical parameters of the AD8398AACPZ-R2: | Parameter | Specification | | :--- | :--- | | **Type** | Operational Amplifier (Line Driver) | | **Number of Channels** | 2 (Dual) | | **Gain Bandwidth Product** | 350 MHz | | **Slew Rate** | 900 V/µs | | **Output Current** | 400 mA (High Current) | | **Voltage Supply Range** | 10V to 13.2V (Single or Dual) | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | LFCSP-16 (4x4 mm) | | **Mounting Type** | Surface Mount | --- ### Key Features and Functional Parts 1. **Dual-Channel Architecture:** Contains two independent amplifiers designed for differential drive applications, which is essential for twisted-pair copper wire communication. 2. **High Output Drive:** Capable of delivering up to **400 mA** of peak current. This is necessary to drive the low impedance of a transformer-coupled telephone line at high frequencies. 3. **Low Distortion:** Maintains signal integrity at high frequencies (up to 30 MHz for VDSL2), ensuring minimal interference and high data rates. 4. **Power Management (Control Pins):** The chip includes two digital control pins (`PD0` and `PD1`) that allow the device to switch between four different power modes: * **Full Power:** Maximum performance. * **Medium Power:** Reduced current consumption. * **Low Power:** Minimal activity. * **Power Down:** Sleep mode for energy conservation. 5. **Thermal Management:** The **LFCSP** (Lead Frame Chip Scale Package) features an exposed thermal pad on the bottom. This must be soldered to the PCB ground plane to dissipate the heat generated by the high-current output. --- ### Common Applications * **VDSL2 Line Drivers:** Providing the final boost for broadband signals over telephone lines. * **Home Gateways:** Central hubs for internet distribution. * **Video Distribution:** Driving high-speed video signals over long cables. * **Power Line Communication (PLC):** Used in smart grid applications. --- ### Pin Configuration Summary ```text Pin 1-4: Inputs and Gain control Pin 5-8: Power Supply (Vcc/Vee) and Ground Pin 9-12: Power Down / Mode Control Pins Pin 13-16: High Current Outputs Exposed Pad: Thermal Heat Sink (Connect to GND) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption levels for the four different power modes?
    • ⤷ How does the thermal pad layout affect the signal integrity of the AD8398A?
    • ⤷ Can this IC be used in automotive applications requiring AEC-Q100 qualification?