Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AD8476BCPZ-R7

  • AI
    ## Technical Overview: AD8476BCPZ-R7 The **AD8476BCPZ-R7** is a very low-power, fully differential precision amplifier with integrated laser-trimmed resistors. It is primarily designed to act as a precision ADC (Analog-to-Digital Converter) driver. --- ### 1. Key Specifications The following table highlights the critical electronic parameters of the component: | Parameter | Specification | | :--- | :--- | | **Type** | Fully Differential Amplifier | | **Gain** | Configured for G=1 (Single-ended to Differential) | | **Quiescent Current** | 330 $\mu$A (Typical) | | **Input Voltage Range** | Rail-to-Rail | | **Supply Voltage** | 3.0 V to 18 V | | **Bandwidth (-3 dB)** | 5 MHz | | **Slew Rate** | 10 V/$\mu$s | | **Package** | 16-Lead LFCSP (3mm x 3mm) | --- ### 2. Core Functional Blocks The AD8476 is integrated with several internal components that simplify circuit design: 1. **Laser-Trimmed Resistors:** It includes matched internal resistors that set a fixed gain of 1. This eliminates the need for expensive external precision resistors and ensures high Common-Mode Rejection Ratio (CMRR). 2. **Differential Output Stage:** It converts single-ended input signals into differential outputs, which are essential for driving modern high-resolution SAR or Sigma-Delta ADCs. 3. **VOCM Pin (Output Common-Mode Control):** This allows the user to set the output common-mode voltage independently of the input signal, typically by connecting it to the ADC's reference voltage. --- ### 3. Application Use-Cases In an electronic system, this part is typically used for: * **Single-Ended to Differential Conversion:** Converting standard signals (like a sensor output) into a differential signal for an ADC. * **Signal Level Shifting:** Modifying the common-mode voltage to match the input requirements of a low-voltage processor or ADC. * **Battery Powered Instrumentation:** Due to its low power consumption (330 $\mu$A), it is ideal for portable measurement devices. --- ### 4. Typical Connection Diagram (Schema Logic) Below is a logical representation of how the pins are utilized: ```text Input Signal (Vin) ----> [ +IN ] [ +OUT ] ----> ADC (+) Ground / Ref ----------> [ -IN ] AD8476 [ -OUT ] ----> ADC (-) ADC Vref/2 ------------> [VOCM ] [ Vs ] ----> +3.3V/5V ``` ### 5. Ordering Information Meaning * **AD8476**: The base part number. * **B**: Performance/Grade Level (B-grade). * **CP**: Component Package (LFCSP). * **Z**: RoHS Compliant (Lead-free). * **R7**: 7-inch Tape and Reel (usually 1,500 pieces per reel).
    ✨ Follow-up Questions
    • ⤷ How does the VOCM pin help in interfacing with an ADC?
    • ⤷ What is the advantage of using integrated resistors over external resistors for this part?
    • ⤷ Can the AD8476 be used with a dual supply (+/- 5V)?