Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AD8505ARJZ-R7

  • AI
    The **AD8505ARJZ-R7** is a high-precision, micropower, CMOS operational amplifier manufactured by Analog Devices. It is specifically designed for portable applications where power consumption and precision are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Single)** | 1.8 V to 5.5 V | | **Supply Current** | 15 $\mu$A (typical per amplifier) | | **Offset Voltage** | 500 $\mu$V (maximum) | | **Input Bias Current** | 1 pA (typical) | | **Gain Bandwidth Product** | 95 kHz | | **Output Type** | Rail-to-Rail Input/Output (RRIO) | | **Package** | SOT-23-5 (indicated by "RJ" code) | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's characteristics and packaging: * **AD8505**: The base model number for this specific micropower op-amp series. * **A**: Indicates the performance grade (Standard grade). * **RJ**: Refers to the package type, which is a **SOT-23-5** (Small Outline Transistor). * **Z**: Denotes a **RoHS-compliant** (lead-free) part. * **R7**: Specifies the shipping method, in this case, a **7-inch Reel** (typically containing 3,000 units). --- ### 3. Core Features and Advantages * **Ultra-Low Power:** Consuming only 15 $\mu$A, this part is ideal for battery-operated devices (like glucose meters or remote sensors) to extend battery life. * **Rail-to-Rail I/O:** The amplifier can handle input and output signals that swing very close to the supply rails, maximizing the dynamic range in low-voltage systems. * **Low Input Bias Current:** Because it uses CMOS technology, the input bias current is extremely low, making it perfect for high-impedance sensor interfaces (e.g., photodiode amplifiers). * **Low Supply Voltage:** It can operate down to 1.8 V, making it compatible with modern low-voltage microcontrollers and digital logic. --- ### 4. Common Applications Due to its low power and high precision, the AD8505 is frequently found in: 1. **Portable Medical Instrumentation:** Wearable heart rate monitors or pulse oximeters. 2. **Sensor Interfaces:** Remote weather stations or industrial pressure sensors. 3. **Active Filters:** Low-frequency filtering in power-sensitive environments. 4. **Battery Monitoring:** Sensing voltage and current in mobile electronic devices. --- ### 5. Internal Pinout (SOT-23-5) ```text SOT-23-5 Top View +-------+-------+ OUT | 1 V 5 | V+ | | V- | 2 4 | -IN | 3 | +-------+-------+ +IN ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8505 and the AD8506?
    • ⤷ Can you explain the importance of the Rail-to-Rail feature in 1.8V systems?
    • ⤷ What is the typical noise performance (nV/√Hz) for this op-amp?