Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AD8538WAUJZ-R7

  • AI
    ## Overview of the AD8538WAUJZ-R7 The **AD8538WAUJZ-R7** is a high-precision, very low power, auto-zero (chopper-stabilized) operational amplifier manufactured by **Analog Devices**. The "W" in the part number signifies that it is **Automotive Qualified**, making it suitable for high-reliability environments. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Architecture** | Auto-Zero (Chopper Stabilized) | | **Supply Voltage Range** | 2.7 V to 5.5 V | | **Supply Current** | 180 µA (Typical) | | **Offset Voltage (Max)** | 13 µV | | **Offset Drift (Max)** | 0.1 µV/°C | | **Input Bias Current** | 25 pA (Typical) | | **Gain Bandwidth Product** | 430 kHz | | **Package Type** | TSOT-23-5 (5-Lead) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Features * **Auto-Zero Technology:** This part utilizes a continuous chopping technique to nullify its own offset voltage and drift over time and temperature. This results in near-zero DC errors. * **Rail-to-Rail Input/Output (RRIO):** The amplifier can handle input and output signals that swing very close to the supply rails, maximizing dynamic range in low-voltage systems. * **No 1/f Noise:** Because of the auto-zeroing architecture, the low-frequency "flicker" noise is eliminated, making it ideal for low-frequency sensing. * **Automotive Grade:** It is AEC-Q100 qualified, meaning it has undergone rigorous stress testing for use in vehicles. --- ### 3. Pin Configuration (TSOT-23-5) | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUT** | Output of the amplifier | | 2 | **V-** | Negative power supply (usually Ground) | | 3 | **+IN** | Non-inverting input | | 4 | **-IN** | Inverting input | | 5 | **V+** | Positive power supply | --- ### 4. Common Applications Due to its high precision and low power consumption, the AD8538 is typically used in: 1. **Precision Current Sensing:** Monitoring battery levels or motor currents. 2. **Pressure and Strain Gauge Sensors:** Amplifying very small signals from bridges. 3. **Thermocouple Amplifiers:** Handling microvolt-level changes in temperature sensors. 4. **Medical Instrumentation:** Low-power, high-accuracy portable diagnostic tools. --- ### 5. Part Number Breakdown * **AD8538:** Base model number. * **W:** Automotive qualified. * **AUJZ:** Indicates the package type (TSOT) and Lead-free material. * **R7:** Packaging format (7-inch Reel, typically 3,000 units).
    ✨ Follow-up Questions
    • ⤷ How does auto-zero technology compare to standard op-amp architectures for DC precision?
    • ⤷ What are the specific thermal considerations for using this part in automotive environments?
    • ⤷ Are there any limitations to the 430 kHz bandwidth in high-speed applications?