Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AD8556ACPZ-R2

  • AI
    The **AD8556ACPZ-R2** is a high-precision, zero-drift instrumentation amplifier manufactured by Analog Devices. It is specifically designed for applications requiring high accuracy in bridge-sensor signal conditioning, such as pressure sensors, strain gauges, and medical instrumentation. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the AD8556: | Feature | Specification | | :--- | :--- | | **Architecture** | Zero-Drift (Chopper Stabilized) | | **Supply Voltage Range** | 2.7 V to 5.5 V | | **Gain Range** | 70 to 1280 (Digitally Programmable) | | **Input Offset Voltage** | 10 µV (Maximum) | | **Offset Drift** | 65 nV/°C (Maximum) | | **Package Type** | 16-Lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Components and Features The device integrates several critical electronic sections into a single chip: #### A. Digitally Programmable Gain Unlike traditional amplifiers that use external resistors to set gain, the AD8556 uses internal thin-film resistors. * **Method:** Gain is adjusted via a serial interface. * **Benefit:** Eliminates errors caused by external resistor tolerance and thermal mismatch. #### B. Zero-Drift Technology The amplifier utilizes a "chopper" architecture that continuously corrects for offset voltage and 1/f noise (flicker noise). This ensures that the output remains stable over time and temperature fluctuations. #### C. EMI Filtering The part includes integrated Electromagnetic Interference (EMI) filters on the input stages. This is crucial for industrial environments where radio frequency interference can distort sensitive sensor readings. #### D. Fault Detection The AD8556 includes internal circuitry to detect: * Open/Short conditions on the sensor inputs. * Output clamping (preventing the signal from hitting the rails and losing data). --- ### 3. Pinout Logic and Connectivity The **ACPZ-R2** suffix refers to the specific package (LFCSP) and the tape/reel quantity. In a typical circuit, the pins are categorized as follows: ```c // Conceptual Signal Path [Sensor Inputs] -> (In+ / In-) -> [EMI Filter] -> [Gain Stage] -> [Low Pass Filter] -> (Vout) ^ [Digital Control] ``` 1. **VDD/VSS:** Power supply pins. 2. **DIGITAL/VCLAMP:** Used for setting output limits to protect downstream ADCs. 3. **VOUT:** The conditioned analog signal output. --- ### 4. Typical Application Circuit When designing with the AD8556, the following components are usually required: * **Decoupling Capacitors:** 0.1 µF and 10 µF capacitors near the VDD pin to minimize power supply noise. * **Reference Voltage:** A stable reference applied to the `VREF` pin to offset the output signal for single-supply operation.
    ✨ Follow-up Questions
    • ⤷ How does the digital gain programming interface work on the AD8556?
    • ⤷ What are the advantages of the LFCSP package for this specific amplifier?
    • ⤷ Can the AD8556 be used in a dual-supply configuration?