Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AD8666WARZ-R7

  • AI
    The **AD8666WARZ-R7** is a high-precision, dual, rail-to-rail operational amplifier (Op-Amp) manufactured by Analog Devices. It is specifically designed for low-voltage, low-power applications where reliability and precision are critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8666WARZ-R7: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2 Amplifiers) | | **Supply Voltage (Single)** | 5V to 16V | | **Supply Voltage (Dual)** | ±2.5V to ±8V | | **Input Bias Current** | 1 pA (typical) | | **Gain Bandwidth Product** | 4 MHz | | **Slew Rate** | 2.5 V/µs | | **Quiescent Current** | 230 µA per amplifier | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOIC-8 (Narrow) | --- ### 2. Notable Features * **Rail-to-Rail Input/Output:** This allows the signal to swing very close to the power supply rails, maximizing the dynamic range of the signal processing. * **Low Input Bias Current:** Utilizing DigiTrim® technology, it achieves extremely low input bias currents (picoampere range), making it ideal for photodiode preamps or high-impedance sensors. * **Automotive Grade:** The "W" in the part number indicates it is qualified for automotive applications (AEC-Q100), ensuring performance in harsh environments. * **Low Noise:** It offers low voltage noise, which is essential for maintaining signal integrity in sensitive measurement circuits. --- ### 3. Part Number Decoding The suffix and prefix provide specific details about the component's packaging and testing: * **AD8666:** The base model number. * **W:** Automotive Grade (AEC-Q100 qualified). * **A:** Performance grade/version. * **RZ:** RoHS Compliant, SOIC-8 (R) package. * **R7:** Packaging format (7-inch Reel, typically containing 1,000 units). --- ### 4. Typical Applications 1. **Sensor Interfaces:** Used for amplifying signals from pressure, temperature, or light sensors. 2. **Battery Powered Instrumentation:** Due to its low quiescent current, it helps extend battery life in portable devices. 3. **Medical Equipment:** Suitable for patient monitoring systems where low power and precision are required. 4. **Automotive Systems:** Used in engine control units (ECUs), transmission control, and cabin electronics. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8666 and the AD8665?
    • ⤷ Can this op-amp be used in a single-supply 3.3V system?
    • ⤷ How does DigiTrim technology improve the performance of this specific IC?