Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA4051-2ACPZ-R2

  • AI
    ## ADA4051-2ACPZ-R2: Component Overview The **ADA4051-2ACPZ-R2** is a high-precision, ultralow power, zero-drift operational amplifier manufactured by **Analog Devices**. It is specifically designed for applications requiring high DC accuracy and very low power consumption, such as battery-powered medical instrumentation and remote sensors. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual Op-Amp) | | **Supply Voltage Range** | 1.8 V to 5.5 V | | **Supply Current** | 13 μA per amplifier (Typical) | | **Offset Voltage (Max)** | 15 μV | | **Offset Drift (Max)** | 0.05 μV/°C | | **Gain Bandwidth Product** | 125 kHz | | **Output Type** | Rail-to-Rail Input/Output (RRIO) | | **Package Type** | LFCSP-8 (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Features * **Zero-Drift Technology:** This part utilizes a "chopper-stabilized" architecture. It internally corrects its own offset voltage continuously, which virtually eliminates offset drift over time and temperature. * **Ultralow Power Consumption:** At only 13 μA per channel, it is ideal for "always-on" monitoring systems where battery life is critical. * **Rail-to-Rail Input/Output:** It can handle input and output signals that span the full range of the power supply voltages, maximizing dynamic range in low-voltage systems. * **High Common-Mode Rejection (CMRR):** Typically 110 dB, ensuring that noise common to both input leads is effectively suppressed. --- ### 3. Part Number Breakdown Understanding the suffix helps in procurement and PCB design: * **ADA4051-2:** The base model and number of amplifiers (2). * **ACPZ:** Indicates the package type (LFCSP) and that it is Lead-Free (RoHS compliant). * **R2:** Indicates the packaging format (7-inch reel, 250 units). --- ### 4. Typical Applications 1. **Pressure and Temperature Sensors:** Where microvolt-level signals must be amplified without adding offset errors. 2. **Medical Monitors:** Portable EKG or glucose meters where power efficiency and accuracy are paramount. 3. **Battery Current Shunt Sensing:** Measuring very small voltages across a resistor to track battery discharge. --- ### 5. Schematic Symbol & Pinout (LFCSP-8) While the physical package is a small 2x2mm square, the functional pins follow a standard dual op-amp layout: ```text LFCSP-8 Top View +-------------------+ | 1 OUT A 8 V+ | | 2 -IN A 7 OUT B| | 3 +IN A 6 -IN B| | 4 V- 5 +IN B| +-------------------+ (Thermal Pad on bottom) ```
    ✨ Follow-up Questions
    • ⤷ How does the 'chopper-stabilized' architecture affect the noise profile of this op-amp?
    • ⤷ What are the PCB layout considerations for the LFCSP thermal pad?
    • ⤷ How does this model compare to the ADA4528 in terms of power vs. precision?