Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA4051-2ARMZ-R7

  • AI
    ## Overview of ADA4051-2ARMZ-R7 The **ADA4051-2ARMZ-R7** is a high-precision, ultralow power, zero-drift operational amplifier manufactured by **Analog Devices**. It is specifically designed for applications requiring high DC accuracy and very low power consumption, such as battery-powered instrumentation. --- ### Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual Op-Amp) | | **Architecture** | Chopper Stabilized (Zero-Drift) | | **Supply Voltage Range** | 1.8V to 5.5V | | **Quiescent Current** | 13 μA per amplifier (Typical) | | **Offset Voltage (Max)** | 15 μV | | **Offset Drift (Max)** | 0.05 μV/°C | | **Gain Bandwidth** | 125 kHz | | **Package** | MSOP-8 (ARMZ) | | **Packaging Type** | Tape and Reel (R7) | --- ### Key Electronic Characteristics #### 1. Zero-Drift Technology The "chopper" architecture continuously corrects for offset voltage and offset drift over time and temperature. This makes it ideal for sensing very small signals (millivolts) where thermal fluctuations usually cause errors. #### 2. Rail-to-Rail Input and Output (RRIO) * **Input:** The common-mode input range extends to both the positive and negative supply rails. * **Output:** The output can swing very close to the rails, maximizing the dynamic range of the signal, especially in low-voltage (1.8V) systems. #### 3. Low Power Consumption At only **13 μA per channel**, this part is optimized for "always-on" monitoring systems and portable medical devices where battery life is critical. #### 4. No 1/f Noise Due to the chopping mechanism, the device eliminates 1/f (flicker) noise, which is typically a significant error source in low-frequency DC applications. --- ### Typical Applications * **Pressure and Strain Sensors:** High precision for bridge-based sensors. * **Battery Monitoring:** Low current draw ensures the monitoring circuit doesn't drain the battery. * **Medical Instrumentation:** Used in portable ECG or pulse oximetry devices. * **Remote Sensors:** Ideal for loT nodes powered by energy harvesting. --- ### Pin Configuration (MSOP-8) ```text +-------+ OUT A | 1 8 | V+ -IN A | 2 7 | OUT B +IN A | 3 6 | -IN B V- | 4 5 | +IN B +-------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the chopper architecture in the ADA4051 differ from standard operational amplifiers?
    • ⤷ What are the recommended bypass capacitor values for the supply pins of this chip?
    • ⤷ Are there single-channel or quad-channel versions of this specific amplifier?