ADA4091-2ACPZ-R2
AI

## Overview of ADA4091-2ACPZ-R2
The **ADA4091-2ACPZ-R2** is a high-precision, dual-channel, micropower operational amplifier produced by **Analog Devices**. It is specifically designed for applications requiring high reliability, low power consumption, and robust protection against input voltage extremes.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Channels** | Dual (2) |
| **Supply Voltage (Single)** | 3V to 36V |
| **Supply Voltage (Dual)** | ±1.5V to ±18V |
| **Quiescent Current** | 200 µA per amplifier (typical) |
| **Gain Bandwidth Product** | 1.27 MHz |
| **Slew Rate** | 0.46 V/µs |
| **Input Offset Voltage** | 250 µV (max) |
| **Package** | 8-Lead LFCSP (Lead Frame Chip Scale Package) |
---
### 2. Core Functional Features
* **Overvoltage Protection (OVP):** One of the standout features is its integrated input overvoltage protection. It can handle input voltages up to **12V above or below** the supply rails without damaging the internal circuitry or causing phase reversal.
* **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the dynamic range of the signal, which is critical in low-voltage systems.
* **Micropower Operation:** Consuming only about 200 µA per channel, it is ideal for battery-powered or portable instruments where power efficiency is a priority.
* **High Precision:** Low offset voltage and low drift make it suitable for DC-coupled applications and high-accuracy sensor interfacing.
---
### 3. Application Use Cases
1. **Industrial Process Control:** Used in PLC (Programmable Logic Controller) modules where input signals might accidentally exceed the power supply limits.
2. **Battery Monitoring:** Excellent for monitoring voltage and current in battery packs due to low current draw.
3. **Sensor Signal Conditioning:** Amplifying signals from thermocouples, RTDs, and bridge sensors in harsh environments.
4. **Portable Instrumentation:** Handheld diagnostic tools that require long battery life and small form factors.
---
### 4. Comparison Table: ADA4091-2 vs. Standard Op-Amps
| Feature | Standard Op-Amp (e.g., LM358) | ADA4091-2 |
| :--- | :--- | :--- |
| **Input Protection** | Limited (Diode clamps) | Integrated (Up to ±12V beyond rails) |
| **Supply Range** | 3V - 32V | 3V - 36V |
| **Precision** | Low (mV range offset) | High (µV range offset) |
| **Phase Reversal** | Possible | Integrated Prevention |
- ⤷
What is the significance of 'Phase Reversal' protection in industrial applications?
- ⤷ How does the LFCSP package affect the thermal management of this op-amp?
- ⤷ What are the trade-offs between low quiescent current and gain bandwidth in this part?