Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA4091-2ACPZ-R7

  • AI
    ### ADA4091-2ACPZ-R7: Technical Overview The **ADA4091-2ACPZ-R7** is a precision, micropower, dual-channel operational amplifier (op-amp) manufactured by **Analog Devices**. It is specifically designed for applications requiring high accuracy and robust protection against input voltage extremes. --- ### 1. Key Technical Specifications The following table outlines the core electrical characteristics of the ADA4091-2: | Feature | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Supply Voltage Range** | 3.0V to 36V (±1.5V to ±18V) | | **Input Offset Voltage** | 500 μV (Maximum) | | **Supply Current** | 200 μA per amplifier (Typical) | | **Gain Bandwidth Product** | 1.27 MHz | | **Slew Rate** | 0.46 V/μs | | **Input Protection** | Overvoltage protection up to 12V above/below rails | | **Package Type** | LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Parts & Features #### A. Overvoltage Protection (OVP) One of the standout features of this part is its **Overvoltage Protection**. Unlike standard op-amps that require external diodes to prevent damage from input spikes, the ADA4091-2 includes integrated circuitry that protects the inputs even when the power supply is off. It can handle inputs up to 12V beyond the supply rails. #### B. Rail-to-Rail Output The device features a rail-to-rail output swing, allowing the signal to move very close to the positive and negative supply boundaries. This maximizes the dynamic range, especially in low-voltage, single-supply systems. #### C. Micropower Design Consuming only roughly **200 μA per amplifier**, it is highly efficient. This makes it suitable for battery-powered industrial sensors and portable medical equipment where power conservation is critical. --- ### 3. Package & Naming Convention The suffix **"ACPZ-R7"** provides specific details regarding the physical form and shipping: * **ADA4091-2**: The base model number (Dual-channel variant). * **CP**: Indicates the **LFCSP** package (Lead Frame Chip Scale Package). * **Z**: Denotes a **RoHS-compliant** (Lead-free) part. * **R7**: Specifies the tape and reel size (**7-inch reel**, typically 1,500 units). --- ### 4. Common Applications * **Industrial Process Control:** Monitoring 4-20mA loops where voltage surges might occur. * **Battery Monitoring:** Low current draw ensures minimal drain on the battery being monitored. * **Sensor Interfaces:** High impedance and precision make it ideal for thermocouples and strain gauges. * **Power Supply Control:** Used in feedback loops for voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using an LFCSP package over a standard SOIC for this op-amp?
    • ⤷ How does the 'Overvoltage Protection' feature impact the need for external clamping diodes?
    • ⤷ What is the behavior of the ADA4091-2 when the input voltage exceeds the supply rails?