Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA4091-4ACPZ-R7

  • AI
    ## Overview of the ADA4091-4ACPZ-R7 The **ADA4091-4ACPZ-R7** is a precision, micropower, quad-channel operational amplifier (op-amp) manufactured by **Analog Devices**. It is specifically designed for applications requiring high accuracy and low power consumption, particularly in industrial and battery-powered environments. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Channels** | Quad (4 Amplifiers) | | **Supply Voltage Range** | 3.0V to 36V (Single) or ±1.5V to ±18V (Dual) | | **Input Offset Voltage** | 250 µV (Maximum) | | **Low Quiescent Current** | 200 µA per amplifier | | **Bandwidth** | 1.27 MHz | | **Slew Rate** | 0.46 V/µs | | **Package Type** | 16-Lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Specialized Electronic Features * **Overvoltage Protection (OVP):** One of the most critical features is its ability to handle input voltages up to **32V above or below** the supply rails. This makes it highly robust against electrical transients without needing external protection diodes. * **Rail-to-Rail Output:** It allows the output signal to swing very close to the supply voltages, maximizing the dynamic range. * **Micropower Consumption:** Consuming only 200 µA per channel, it is ideal for portable instruments and remote sensors where battery life is a priority. * **High Precision:** The low offset voltage and high CMRR (Common Mode Rejection Ratio) ensure that small signals are amplified accurately even in the presence of noise. --- ### 3. Pinout and Internal Logic The ADA4091-4 typically utilizes a standard quad op-amp configuration within its 16-lead LFCSP package. ```text Pin Logic (Simplified): +V_SY : Positive Supply -V_SY : Negative Supply (or Ground) IN+ (A, B, C, D) : Non-inverting Inputs IN- (A, B, C, D) : Inverting Inputs OUT (A, B, C, D) : Amplifier Outputs ``` --- ### 4. Typical Applications * **Industrial Process Control:** Used in PLC (Programmable Logic Controller) analog input modules. * **Battery Monitoring:** Ideal for measuring voltage and current in high-voltage battery stacks. * **Sensor Interfaces:** Amplifying signals from thermocouples, RTDs, and pressure sensors. * **Portable Medical Instrumentation:** Devices requiring precision and low power usage. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADA4091-4 and the ADA4096-4?
    • ⤷ Can this op-amp operate on a single 5V power supply?
    • ⤷ What are the thermal considerations for the 16-Lead LFCSP package?