Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA4304-2ACPZ-R2

  • AI
    ## Technical Overview: ADA4304-2ACPZ-R2 The **ADA4304-2ACPZ-R2** is a high-performance, active silicon splitter designed specifically for high-definition and standard-definition television applications. Manufactured by Analog Devices, it is primarily used to distribute a single RF input signal to multiple outputs with minimal degradation. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Function** | 1:2 Active RF Splitter | | **Frequency Range** | 50 MHz to 1000 MHz | | **Gain** | 3.5 dB (Typical) | | **Noise Figure** | 4.5 dB | | **Operating Voltage** | +5V Single Supply | | **Package Type** | 16-Lead LFCSP (Lead Frame Chip Scale Package) | | **Output Impedance** | 75 $\Omega$ (Optimized for Cable/TV) | | **Distortion (CSO/CTB)** | Low composite second-order/triple-beat distortion | --- ### 2. Core Features and Benefits * **Active Splitting:** Unlike passive splitters that lose signal strength (typically -3 to -4 dB per split), this active splitter provides a small amount of gain, ensuring the signal strength remains constant or slightly improved across outputs. * **High Linearity:** It is designed to handle complex modulation schemes without introducing significant noise or interference (low distortion). * **Integrated Design:** Replaces bulky discrete solutions involving multiple amplifiers and passive components, saving significant PCB real estate. * **Single-Supply Operation:** Simplifies power management by requiring only a +5V rail. --- ### 3. Pin Configuration and Internal Logic The ADA4304-2 uses a differential input structure to manage the RF signal. Below is a simplified representation of the internal signal flow: 1. **Input Stage:** Receives the RF signal (50MHz - 1GHz). 2. **Amplification:** A low-noise amplifier (LNA) stage boosts the signal to compensate for splitting losses. 3. **Output Stage:** The signal is split into two independent 75 $\Omega$ outputs. ```text [ RF IN ] | [ Low Noise Amp ] / \ [ Output 1 ] [ Output 2 ] (75 Ohm) (75 Ohm) ``` --- ### 4. Common Applications * **Cable Set-Top Boxes:** Distributing a cable signal to multiple tuners within the same box. * **Digital TVs:** Managing multi-tuner inputs for "Picture-in-Picture" or background recording. * **Home Gateways:** Splitting incoming broadband signals for data and video. * **Signal Distribution Units:** Small-scale RF distribution in residential or commercial buildings.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4304-2 and the ADA4304-3 or -4 versions?
    • ⤷ How does the 75 Ohm impedance matching affect PCB layout design?
    • ⤷ What specific filtering is recommended for the +5V power supply pin?