Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA4817-2ACPZ-R2

  • AI
    The **ADA4817-2ACPZ-R2** is a high-performance electronic component manufactured by Analog Devices. It is a dual-channel, Ultra-High Speed, Low Noise, Voltage Feedback FET Input Operational Amplifier (Op-Amp). Below is a detailed breakdown of its technical specifications and features. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Input Type** | FET (Field-Effect Transistor) | | **Bandwidth (-3 dB)** | 1.05 GHz | | **Slew Rate** | 870 V/µs | | **Input Bias Current** | 2 pA (Typical) | | **Low Noise** | 4 nV/√Hz @ 100 kHz | | **Operating Supply Voltage** | 5V to 10V (Total) | | **Package Type** | LFCSP-16 (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Blocks The internal architecture of the ADA4817-2 is designed for high-speed signal processing with minimal interference. 1. **FET Input Stage:** Unlike standard bipolar op-amps, the FET input allows for extremely low input bias currents (pico-amps). This makes it ideal for interfacing with high-impedance sources like photodiodes or sensors. 2. **High-Speed Core:** The voltage feedback architecture allows for a massive 1 GHz bandwidth, which is essential for RF and fast pulse applications. 3. **Output Stage:** Designed to drive low-impedance loads with high linearity and low distortion. --- ### 3. Application Areas Due to its high speed and low noise, this part is commonly found in: * **Photodiode Amplifiers:** Converting light signals to voltage in fiber optics or medical imaging. * **Data Acquisition:** Serving as a buffer for high-speed Analog-to-Digital Converters (ADCs). * **Active Filters:** Designing high-frequency filters with sharp cutoff characteristics. * **Test Equipment:** Oscilloscopes and spectrum analyzers. --- ### 4. Part Number Breakdown The suffix **"R2"** in `ADA4817-2ACPZ-R2` refers specifically to the packaging format for the supply chain: * **ADA4817-2:** Model series and channel count (2). * **ACPZ:** Denotes the LFCSP package and RoHS compliance (Lead-free). * **R2:** Indicates a 7-inch reel containing 250 units (used for small-scale automated assembly). --- ### 5. Schematic Symbol Example ```spice +---------+ IN1- -| 1 16 |- V+ IN1+ -| 2 15 |- OUT1 V- -| 3 14 |- NC | ADA4817 | V- -| 4 13 |- NC IN2+ -| 5 12 |- OUT2 IN2- -| 6 11 |- V+ +---------+ ``` *(Note: Pinout varies; always refer to the official datasheet for PCB layout.)*
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using FET inputs over Bipolar inputs in this Op-Amp?
    • ⤷ How does the 'R2' suffix differ from the 'R7' or 'RL' suffixes in Analog Devices parts?
    • ⤷ What are the thermal considerations for the LFCSP-16 package at high speeds?