Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA4830-2BCPZ-R2

  • AI
    The **ADA4830-2BCPZ-R2** is a high-speed, integrated video difference amplifier manufactured by Analog Devices. It is specifically designed to act as a receiver for CVBS (Composite Video Baseband Signal) in harsh environments, such as automotive infotainment and surveillance systems. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Channels** | Dual (2 Channels) | | **Bandwidth (-3 dB)** | 84 MHz | | **Slew Rate** | 250 V/µs | | **Supply Voltage Range** | 2.9 V to 5.5 V | | **Common-Mode Rejection (CMRR)** | 65 dB @ 10 MHz | | **Integrated Gain** | 0.50 V/V | | **Package Type** | LFCSP-16 (3mm x 3mm) | --- ### 2. Core Functional Blocks The ADA4830-2 is more than a simple Op-Amp; it contains several integrated stages to handle video signals: 1. **Input Filter:** Features an integrated low-pass filter (typically around 18 MHz) to reject high-frequency noise and prevent aliasing. 2. **Difference Amplifier:** Designed to reject common-mode noise, which is critical when video signals travel over long cables where ground loops or electromagnetic interference (EMI) are present. 3. **Short-to-Battery Protection:** This is a standout feature. It can withstand input voltages up to **18V**, protecting the internal circuitry if the video line accidentally shorts to the vehicle's battery line. 4. **Output Stage:** Capable of driving standard video loads (150 $\Omega$) with high linearity. --- ### 3. Pinout and Integration As a **BCPZ** (LFCSP) package, it requires careful PCB layout to manage thermal dissipation via the exposed pad. ```c // Typical Signal Path Representation [Video Input +] ----> [RFI Filter] ----> [Diff Amp] ----> [Gain/Buffer] ----> [Output] [Video Input -] ----> [RFI Filter] ----> [Diff Amp] ----> [Gain/Buffer] ----> [Output] ``` --- ### 4. Typical Applications * **Automotive Rear-View Cameras:** Handling differential signals sent from the back of a car to the head unit. * **Video Surveillance:** Long-distance analog video transmission over Unshielded Twisted Pair (UTP) cables. * **Industrial Vision:** High-speed signal processing in electrically noisy factory environments. --- ### 5. Part Number Breakdown * **ADA4830:** Base model number (High-speed difference amp). * **-2:** Indicates the number of channels (Dual). * **BCPZ:** Package code (Lead Frame Chip Scale Package - LFCSP) and Lead-free. * **R2:** Reel size/quantity (Standard 7-inch reel).
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using a difference amplifier over a standard operational amplifier in video circuits?
    • ⤷ How does the short-to-battery protection mechanism function in this specific IC?
    • ⤷ What are the PCB layout recommendations for the LFCSP-16 package to minimize thermal noise?