Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA4830-2BCPZ-R7

  • AI
    ## ADA4830-2BCPZ-R7: Technical Overview The **ADA4830-2BCPZ-R7** is a high-speed, dual-channel video amplifier designed by Analog Devices. It is specifically engineered for automotive and professional video applications where signal integrity and protection against harsh environments are critical. --- ### Core Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Bandwidth (-3 dB)** | 84 MHz | | **Slew Rate** | 250 V/µs | | **Supply Voltage Range** | 2.9 V to 5.5 V | | **Quiescent Current** | 6.8 mA per channel | | **Package Type** | LFCSP-16 (Lead Frame Chip Scale Package) | | **Operating Temp Range** | -40°C to +125°C | --- ### Key Features & Internal Architecture #### 1. Integrated Fault Protection One of the standout features of this part is its robust protection circuitry. It is designed to withstand: * **Short-to-Battery Protection:** Can survive direct shorts to voltages up to 18V. * **ESD Protection:** High level of robustness against Electrostatic Discharge. #### 2. On-Chip Gain and Filtering * **Fixed Gain:** Typically features a fixed gain of 2 (6 dB) to compensate for DAC termination losses. * **Integrated Low-Pass Filter:** Includes a 5th-order Butterworth filter to reject out-of-band noise and clock artifacts from video DACs. #### 3. Battery-to-Ground Operation The device is optimized for single-supply operation but can handle input signals that go slightly below ground, which is essential for AC-coupled video signals. --- ### Typical Application Circuit In a standard video transmission setup, the ADA4830-2 acts as the buffer between a SoC (System on Chip) and the physical output connector. ```mermaid graph LR A[Video DAC/SoC] --> B[ADA4830-2 Input] B --> C[Internal LPF & Gain] C --> D[Short Protection Stage] D --> E[Video Output Connector] ``` ### Common Use Cases 1. **Automotive Infotainment:** Driving Rear View Camera (RVC) signals to the head unit. 2. **Surveillance:** Buffering analog CVBS (Composite Video) signals over long cables. 3. **In-Car Displays:** Providing signal conditioning for multiple video screens. --- ### Ordering Information Detail * **ADA4830-2:** The base model (Dual channel). * **BCPZ:** Indicates the package (LFCSP) and Lead-Free (RoHS compliant). * **R7:** Indicates the tape and reel size (usually 7-inch reel, 1500 units).
    ✨ Follow-up Questions
    • ⤷What are the specific differences between the ADA4830-1 and the ADA4830-2?
    • ⤷ How does the short-to-battery protection mechanism trigger in this IC?
    • ⤷ What is the typical power consumption when the device is in power-down mode?