Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA4841-1YRJZ-R7

  • AI
    ## Overview of the ADA4841-1YRJZ-R7 The **ADA4841-1YRJZ-R7** is a high-performance, low power, low noise, rail-to-rail output operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is designed specifically for applications requiring high precision and low power consumption, such as battery-powered instrumentation. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Architecture** | Single Op-Amp | | **Quiescent Current** | 1.1 mA (Typical) | | **Voltage Noise** | 2.1 nV/√Hz @ 100 kHz | | **Bandwidth (-3dB)** | 80 MHz | | **Slew Rate** | 13 V/µs | | **Supply Voltage Range** | 2.7 V to 12 V (Single) or ±1.35 V to ±6 V (Dual) | | **Input Bias Current** | 40 nA (Typical) | | **Package Type** | SOT-23-6 | --- ### Part Number Breakdown (ADA4841-1YRJZ-R7) Understanding the suffix helps in identifying packaging and temperature grades: * **ADA4841-1**: The base model number (Single channel version). * **Y**: Industrial temperature range (-40°C to +125°C). * **RJ**: Package code for SOT-23 (Small Outline Transistor). * **Z**: RoHS compliant/Lead-free. * **R7**: Packaging format (7-inch Reel, typically 3000 units). --- ### Core Features and Advantages 1. **Low Noise & Low Distortion**: Despite its low power consumption, it maintains a noise floor of 2.1 nV/√Hz and very low harmonic distortion (-105 dBc @ 100 kHz), making it ideal for 16-bit and 18-bit Analog-to-Digital Converter (ADC) drivers. 2. **Rail-to-Rail Output**: This allows the output signal to swing very close to the supply rails, maximizing dynamic range in low-voltage systems. 3. **Power Efficiency**: It features a "Power-Down" pin that reduces the current to 40 µA when the amplifier is not in use, extending battery life in portable devices. --- ### Typical Applications * **ADC Driving**: Buffering and scaling signals for high-resolution ADCs (like the AD7685). * **Battery-Powered Instrumentation**: Multimeters, portable medical devices, and handheld industrial tools. * **Active Filters**: Designing low-pass or high-pass filters with high precision. * **Photodiode Pre-amps**: Amplifying small currents from sensors with minimal noise interference. --- ### Pinout Configuration (SOT-23-6) ```text Pin 1: VOUT (Output) Pin 2: V- (Negative Supply) Pin 3: +IN (Non-inverting Input) Pin 4: -IN (Inverting Input) Pin 5: PD (Power Down / Shutdown) Pin 6: V+ (Positive Supply) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4841-1 and the ADA4841-2?
    • ⤷ How does the 'Power-Down' pin impact the startup time of the amplifier?
    • ⤷ Can this op-amp be used for audio-frequency high-fidelity applications?