Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA4870ACPZ-R7

  • AI
    ### Overview of ADA4870ACPZ-R7 The **ADA4870ACPZ-R7** is a high-speed, high-output current operational amplifier designed by Analog Devices. It is specifically engineered to drive low-impedance loads with high precision and speed, making it a "powerhouse" in the world of high-speed op-amps. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Current** | 1.0 A (Continuous) | | **Supply Voltage Range** | 10 V to 40 V (Single or Dual) | | **Slew Rate** | 2,500 V/µs | | **Bandwidth (-3 dB)** | 52 MHz | | **Quiescent Current** | 32.5 mA | | **Package** | 20-Lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Components The internal architecture and external pinout focus on high power dissipation and safety: * **Output Stage:** Features a robust push-pull stage capable of delivering 1 Ampere. It can drive capacitive loads of up to 100 nF without significant oscillation. * **Thermal Management:** The part includes an **Exposed Pad (EPAD)** on the bottom. This must be soldered to a thermal plane to dissipate the heat generated by the 1A output current. * **Protection Circuitry:** * **Short Circuit Protection:** Limits current to prevent destruction during a fault. * **Thermal Shutdown:** Automatically powers down the device if the internal junction temperature exceeds 165°C. * **Control Pins:** * **ON:** Enables or disables the device (Power-down mode). * **TFL (Thermal Flag):** An output pin that alerts the system controller if the device is overheating. --- ### 3. Application Use Cases Due to its high current and high speed, the ADA4870 is commonly used in: 1. **Arbitrary Function Generators:** Driving the final output stage. 2. **Piezoelectric Transducers:** Driving high-capacitance ultrasonic or optical elements. 3. **PIN Diode Drivers:** Used in RF switching applications. 4. **Power LED Drivers:** For high-speed pulse modulation. --- ### 4. Implementation Example (Power Connections) ```c // Pseudo-logic for managing ADA4870 via a Microcontroller if (digitalRead(TFL_PIN) == HIGH) { // Thermal Flag detected - device is overheating digitalWrite(ON_PIN, LOW); // Disable the Op-Amp Serial.println("Warning: ADA4870 Thermal Shutdown initiated."); } ``` --- ### 5. Design Considerations * **Bypassing:** Use low-ESR capacitors (10 µF and 0.1 µF) extremely close to the power pins to handle the rapid current draws (2,500 V/µs slew rate). * **Trace Width:** Ensure PCB traces for the output and power supply are wide enough to handle 1A without significant voltage drops or heating.
    ✨ Follow-up Questions
    • ⤷What are the thermal management requirements for the LFCSP package?
    • ⤷ How does the Short Circuit Protection threshold work on this chip?
    • ⤷ Can the ADA4870 be used in a bridge-tied load (BTL) configuration?