Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA4896-2ACPZ-R2

  • AI
    ## Overview of ADA4896-2ACPZ-R2 The **ADA4896-2ACPZ-R2** is a high-speed, low-noise, dual operational amplifier manufactured by **Analog Devices**. It belongs to a class of precision amplifiers designed for applications where signal integrity and high-speed performance are critical. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Bandwidth (-3 dB)** | 230 MHz | | **Slew Rate** | 120 V/µs | | **Voltage Noise** | 1 nV/√Hz (at 100 kHz) | | **Operating Supply Voltage** | 3V to 10V (Total) | | **Quiescent Current** | 3.0 mA per amplifier | | **Output Type** | Rail-to-Rail | | **Package Type** | LFCSP-8 (3mm x 3mm) | --- ### Core Electronic Characteristics #### 1. Ultra-Low Noise With a voltage noise density of only **1 nV/√Hz**, this part is optimized for picking up very faint signals without adding significant background hiss or interference. This makes it ideal for pre-amplification stages. #### 2. High-Speed Performance The 230 MHz bandwidth allows the chip to process signals with high frequency components accurately. The high slew rate (120 V/µs) ensures the output can follow rapid changes in the input signal without distortion. #### 3. Low Distortion The ADA4896-2 is engineered for high linearity. It maintains low harmonic distortion even when driving significant loads, which is essential for maintaining the purity of audio or sensor signals. #### 4. Rail-to-Rail Output The output can swing very close to the supply rails, maximizing the dynamic range of the signal, especially in low-voltage systems (e.g., 3.3V or 5V logic). --- ### Typical Applications * **ADC Drivers:** Buffering signals before they enter an Analog-to-Digital Converter to ensure the converter sees a low-impedance source. * **Precision Instrumentation:** Used in medical devices (ultrasound) or high-end laboratory equipment. * **Active Filters:** Designing high-order filters that require wide bandwidth and low noise. * **Optical Electronics:** Transimpedance amplifiers for photodiode circuits. --- ### Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ADA4896** | Base model series number | | **-2** | Indicates dual-channel (two op-amps in one package) | | **ACPZ** | Package type (Lead Frame Chip Scale Package - RoHS compliant) | | **-R2** | Tape and reel packaging size (usually 250 units) | ---
    ✨ Follow-up Questions
    • ⤷How does the power consumption of the ADA4896-2 compare to other low-noise op-amps?
    • ⤷ What are the layout considerations for using this high-speed LFCSP package?
    • ⤷ Can this part be used with a single-supply voltage?