Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA4932-2YCPZ-R2

  • AI
    ## Overview of ADA4932-2YCPZ-R2 The **ADA4932-2YCPZ-R2** is a high-performance, dual-channel, differential amplifier manufactured by **Analog Devices**. It is specifically designed as a high-speed ADC (Analog-to-Digital Converter) driver, optimized for low power consumption and low distortion. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Bandwidth (-3 dB)** | 560 MHz | | **Slew Rate** | 2800 V/µs | | **Voltage Supply Range** | 3.3V to 11V (Single) or ±1.65V to ±5.5V (Dual) | | **Operating Current** | 9.6 mA per channel | | **Input Voltage Noise** | 3.6 nV/√Hz | | **Package / Case** | 24-WFQFN, Exposed Pad (LFCSP) | --- ### Core Electronic Characteristics #### 1. Differential Architecture This part is a **Differential-to-Differential** or **Single-ended-to-Differential** amplifier. It is used to convert standard signals into balanced signals, which helps in rejecting common-mode noise in high-precision circuits. #### 2. DC Precision and High Speed The ADA4932-2 balances high-speed performance (560 MHz) with excellent DC accuracy. It features: * **Low Offset Voltage:** Minimizes errors in the signal chain. * **Fast Settling Time:** Crucial for driving Successive Approximation Register (SAR) and Pipelined ADCs. #### 3. Adjustable Output Common-Mode Voltage The device includes a `VOCM` pin. This allows the user to independently set the output common-mode voltage, making it easy to match the input range requirements of a specific ADC without using external coupling capacitors. --- ### Internal Functional Block Diagram ```mermaid graph LR InP[Input +] --> Amp[Differential Amp] InN[Input -] --> Amp VOCM[Common Mode Ref] --> Amp Amp --> OutP[Output +] Amp --> OutN[Output -] ``` ### Typical Applications * **ADC Driving:** High-resolution 16-bit to 18-bit ADCs. * **Single-ended-to-Differential Conversion:** Bridging standard sensors to differential systems. * **IF and Baseband Gain Blocks:** Used in communication infrastructure. * **Data Acquisition Systems:** Enhancing signal integrity in industrial measuring. --- ### Design Considerations * **Thermal Management:** The "Exposed Pad" on the LFCSP package must be soldered to the PCB ground plane to dissipate heat effectively. * **Decoupling:** High-speed performance requires low-inductance ceramic capacitors (typically 0.1 µF and 10 µF) placed very close to the supply pins. * **Stability:** Ensure that feedback resistors ($R_f$) and gain resistors ($R_g$) are matched to maintain a high Common-Mode Rejection Ratio (CMRR). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4932-1 and ADA4932-2 versions?
    • ⤷ How do you calculate the feedback resistors for a specific gain setting on this chip?
    • ⤷ What are the PCB layout best practices for high-speed differential amplifiers?