Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADA600F-24-R

  • AI
    The **ADA600F-24-R** is a high-reliability, 600W AC-DC switching power supply manufactured by **Cosel**. It is part of the ADA series, specifically designed for industrial applications requiring high power density and modular-like features. --- ### 1. Key Technical Specifications The following table highlights the core electrical characteristics of the ADA600F-24-R: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage** | AC 85 - 264V | Universal input (1-phase) | | **Output Voltage** | 24V DC | Adjustable via built-in potentiometer | | **Output Current** | 14A (Peak 25A) | Supports high startup currents | | **Power Rating** | 600W | Total continuous output power | | **Efficiency** | 83% - 87% | Depending on input voltage | | **Cooling** | Forced Air | Built-in internal fan | | **Option "-R"** | Remote ON/OFF | Allows external control of the output | --- ### 2. Major Electronic Subsystems The internal architecture of the ADA600F-24-R consists of several critical stages: #### A. Input Filter & Rectification * **EMI Filter:** A multi-stage LC filter designed to minimize conducted emissions and ensure compliance with FCC/VCCI standards. * **Bridge Rectifier:** Converts AC input to high-voltage DC. * **Active PFC (Power Factor Correction):** Uses a boost converter topology to ensure the power factor is close to 0.98, reducing harmonic distortion. #### B. DC-DC Converter Stage * **Switching Topology:** Likely uses a Forward or LLC Resonant converter for high efficiency. * **Power MOSFETs/IGBTs:** High-speed transistors that chop the DC voltage into high-frequency pulses. * **Isolation Transformer:** Provides 3,000V AC isolation between the primary (high voltage) and secondary (output) sides. #### C. Output Rectification & Filtering * **Schottky Diodes:** Used for high-speed rectification of the transformer output. * **Low-ESR Electrolytic Capacitors:** Ensure low ripple and noise on the 24V DC line. * **Voltage Regulator IC:** Monitors the output and provides feedback to the primary side via an optocoupler. --- ### 3. Protection & Control Features The device is equipped with advanced circuitry to protect both the power supply and the connected load: 1. **Overcurrent Protection (OCP):** Automatically limits current when it exceeds 105% of the rating. 2. **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds approximately 115% of the nominal 24V. 3. **Thermal Protection:** Sensors monitor internal temperatures; the unit shuts down if the fan fails or airflow is blocked. 4. **Remote ON/OFF (The "-R" Suffix):** Uses a dedicated terminal. Applying a small voltage/signal to these pins allows the user to toggle the 24V output without disconnecting the AC mains. --- ### 4. Physical Layout & Terminals The unit follows a standard industrial "Enclosed" form factor: * **Input Terminals:** L, N, and Ground (Screw terminals). * **Output Terminals:** Heavy-duty +V and -V bus bars or screw terminals. * **Signal Connector:** Used for Remote Sensing, Remote ON/OFF, and Alarms.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the Remote ON/OFF function?
    • ⤷ Can the ADA600F-24-R be connected in parallel for higher power?
    • ⤷ What is the peak current duration limit for this model?