Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADL5363ACPZ-R7

  • AI
    ## ADL5363ACPZ-R7: High-Linearity Mixer The **ADL5363ACPZ-R7** is a high-performance, integrated balanced mixer designed by Analog Devices. It is primarily used for frequency down-conversion in high-performance receiver designs, offering an excellent balance of noise figure, linearity, and power consumption. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Function** | Balanced Mixer (Down-converter) | | **RF Frequency Range** | 2300 MHz to 2900 MHz | | **LO Frequency Range** | 2000 MHz to 3200 MHz | | **IF Frequency Range** | 30 MHz to 450 MHz | | **Conversion Loss** | ~6.9 dB | | **Input IP3** | 35 dBm (Typical) | | **Noise Figure** | 8.2 dB (SSB) | | **Package Type** | 20-lead LFCSP (4mm x 4mm) | | **Operating Voltage** | 5.0 V | --- ### 2. Core Functional Blocks The device integrates several critical sub-systems onto a single chip to reduce external component count: * **RF Balun:** Integrated on-chip, allowing for single-ended RF input signals while maintaining internal differential performance. * **LO Buffer:** An internal Local Oscillator buffer enables low LO drive levels (typically 0 dBm), simplifying the design of the frequency synthesizer. * **Active Mixer Core:** A high-linearity passive-style core driven by an active buffer to ensure high intercept points. * **IF Amplifier:** Provides a stable output impedance and helps manage conversion loss. --- ### 3. Application Use Cases The ADL5363 is optimized for wireless infrastructure and communication systems, specifically: * **Cellular Base Stations:** (LTE, TD-SCDMA, W-CDMA). * **Point-to-Multipoint Radios:** For high-capacity data backhaul. * **Instrumentation:** Signal analyzers and high-end radio test equipment. --- ### 4. Implementation Example (Schematic Logic) When integrating this part into a PCB design, the following connections are standard: ```c // High-level Pin Mapping Logic VCC_5V --> Pins 5, 12, 16 (Supply Voltage) GND --> Exposed Paddle (Thermal/Signal Ground) RF_IN --> Pin 2 (AC-Coupled Input) LO_IN --> Pin 11 (AC-Coupled Local Oscillator) IF_OUT+ --> Pin 14 (Differential Output) IF_OUT- --> Pin 13 (Differential Output) ``` ---
    ✨ Follow-up Questions
    • ⤷What are the recommended thermal management practices for the LFCSP package?
    • ⤷ How does the ADL5363 compare to the ADL5353 in terms of frequency range?
    • ⤷ Does this mixer require a specific LO drive power level for optimal IP3 performance?