ADL5387ACPZ-R71
AI

The **ADL5387ACPZ-R7** is a high-performance, broadband quadrature demodulator manufactured by Analog Devices. It is designed to convert Radio Frequency (RF) signals directly to baseband or low intermediate frequencies (IF).
---
## 1. Key Specifications
The following table highlights the primary technical parameters of the ADL5387:
| Parameter | Specification |
| :--- | :--- |
| **RF Frequency Range** | 30 MHz to 2 GHz |
| **LO (Local Oscillator) Frequency** | 2 × RF frequency (60 MHz to 4 GHz) |
| **Demodulation Bandwidth** | 240 MHz (at -3 dB) |
| **Output IP3** | 31 dBm @ 900 MHz |
| **Noise Figure (NF)** | 13.2 dB @ 900 MHz |
| **Supply Voltage** | 4.75 V to 5.25 V |
| **Package Type** | 24-lead LFCSP (4mm x 4mm) |
---
## 2. Functional Architecture
The device operates using a specific internal structure to ensure high-precision signal processing:
### A. 2×LO Frequency Architecture
Unlike standard mixers, the ADL5387 requires a Local Oscillator signal at **twice** the target RF frequency. This is because the internal circuitry uses a divide-by-2 phase shifter to generate the highly accurate 0° and 90° phases required for I (In-phase) and Q (Quadrature) demodulation.
### B. Quadrature Mixers
The core contains two double-balanced mixers. These mixers multiply the incoming RF signal with the internally generated I and Q LO signals to produce the baseband outputs.
### C. Baseband Amplifiers
The device includes integrated low-pass filters and output buffers, providing a differential output capable of driving typical Analog-to-Digital Converters (ADCs).
---
## 3. Application Use Cases
The ADL5387 is commonly used in high-linearity communication systems:
* **QAM/QPSK Demodulation:** Used in digital radio receivers to extract data from modulated carriers.
* **Wireless Infrastructure:** Base stations (GSM, W-CDMA, LTE).
* **Broadband Systems:** CATV and satellite terminal receivers.
* **Instrumentation:** Signal analyzers and software-defined radios (SDR).
---
## 4. Part Number Breakdown
The suffixing in `ADL5387ACPZ-R7` provides details about the packaging and delivery:
* **ADL5387:** The base model number.
* **ACPZ:** Indicates the package (LFCSP) and RoHS compliance (Lead-free).
* **R7:** Indicates the tape and reel size (7-inch reel, typically 1,500 units).
---
- ⤷
What are the advantages of using a 2xLO architecture compared to a 1xLO architecture?
- ⤷ How does the ADL5387 handle DC offset in direct conversion receivers?
- ⤷ What are the recommended interface circuits for connecting this part to an ADC?