Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADL5513-ACPZ-R7

  • AI
    The **ADL5513-ACPZ-R7** is a high-performance logarithmic amplifier (Log Amp) manufactured by Analog Devices. It is primarily used for RF power detection and envelope tracking in wireless infrastructure and high-frequency communication systems. --- ### ## Technical Specifications Overview The following table summarizes the key electrical characteristics of the ADL5513-ACPZ-R7: | Parameter | Specification | | :--- | :--- | | **Type** | Demodulating Logarithmic Amplifier | | **Frequency Range** | 1 MHz to 4 GHz | | **Dynamic Range** | 80 dB | | **Input Range** | -70 dBm to +10 dBm (re: 50 $\Omega$) | | **Logarithmic Linearity** | ±0.5 dB | | **Supply Voltage** | 2.7 V to 5.5 V | | **Operating Current** | 31 mA | | **Package Type** | 16-Lead LFCSP (3mm x 3mm) | --- ### ### Key Electronic Components & Internal Architecture The device functions by converting an RF input signal into a proportional DC voltage output. Its internal structure consists of several critical stages: 1. **Cascaded Amplifier Chain:** A series of gain stages (typically 8–10) that saturate progressively as the input signal power increases. 2. **Full-Wave Rectifiers:** Each amplifier stage is paired with a detector (rectifier) that senses the signal level. 3. **Summing Node:** The currents from all detector stages are summed to create a continuous logarithmic representation of the input. 4. **Output Buffer:** A high-speed operational amplifier that scales the resulting current into a voltage output ($V_{OUT}$), typically with a slope of **20 mV/dB**. --- ### ### Typical Application Circuit When integrating the ADL5513 into a PCB design, the following external components are standard: * **AC Coupling Capacitors:** Required at the `INHI` and `INLO` pins to block DC offsets. * **Supply Decoupling:** 0.1 µF and 100 pF capacitors placed close to the `VCC` pin to minimize noise. * **Measurement vs. Controller Mode:** * **Measurement Mode:** Connect `VOUT` to `VSET`. The output voltage is proportional to the log of the input. * **Controller Mode:** Apply a setpoint voltage to `VSET` to use the device as part of an Automatic Gain Control (AGC) loop. --- ### ### Usage and Reliability * **Temperature Stability:** It is designed to maintain high accuracy over the industrial temperature range (-40°C to +125°C). * **Response Time:** Features a very fast output response (falling edge ~15 ns), making it suitable for detecting rapid RF bursts or pulses.
    ✨ Follow-up Questions
    • ⤷ How does the ADL5513 compare to the AD8317 in terms of frequency range?
    • ⤷ What are the specific design considerations for the PCB layout of this LFCSP package?
    • ⤷ Can the ADL5513 be used for pulse detection in radar applications?