Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADM7172ACPZ-4.2-R7

  • AI
    ### ADM7172ACPZ-4.2-R7 Technical Overview The **ADM7172ACPZ-4.2-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed for high-speed, noise-sensitive applications where maintaining power integrity is critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 4.2 V | | **Input Voltage Range** | 2.3 V to 6.5 V | | **Maximum Output Current** | 2 A | | **Dropout Voltage** | 170 mV (Typical at 2 A load) | | **PSRR (Power Supply Rejection Ratio)** | 80 dB at 1 kHz; 60 dB at 1 MHz | | **Output Noise** | 5 μV rms (10 Hz to 100 kHz) | | **Package Type** | 8-Lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features & Pin Functions This IC includes several integrated features to ensure stability and protection: * **Soft Start (SS):** Allows for a controlled increase in output voltage during power-up, reducing inrush current. * **Precision Enable (EN):** Enables or disables the device with a specific threshold, allowing for power sequencing. * **Power Good (PG):** An open-drain output that signals when the output voltage is within 90% of its nominal value. * **Protection:** Includes thermal overload protection and short-circuit current limiting. --- ### 3. Application Use Cases Due to its high current capability and exceptionally low noise, the ADM7172 is commonly used in: 1. **ADC/DAC Powering:** Providing clean rails for high-resolution converters. 2. **RF/PLL Circuits:** Minimizing phase noise in oscillators and frequency synthesizers. 3. **Communication Infrastructure:** Powering high-speed FPGA and DSP cores. 4. **Medical Instrumentation:** Where low noise is vital for sensor accuracy. --- ### 4. Circuit Implementation Example To achieve the specified performance, low-ESR ceramic capacitors are required. ```python # Component Selection Guide Input_Capacitor = "4.7 uF Ceramic (Minimum)" Output_Capacitor = "4.7 uF Ceramic (Minimum)" Soft_Start_Cap = "Optional (Connect to SS pin for timing)" ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 60 dB PSRR at 1 MHz for RF applications?
    • ⤷ How does the LFCSP package affect thermal management for this 2A regulator?
    • ⤷ Can this regulator be used with an input voltage higher than 6.5V if a voltage divider is used?