ADM7172ACPZ-R7
AI

## ADM7172ACPZ-R7: Ultra-Low Noise, High PSRR LDO Regulator
The **ADM7172ACPZ-R7** is a high-performance CMOS Low Dropout (LDO) linear regulator. It is designed to provide a stable, low-noise power supply for high-speed analog and mixed-signal circuits.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the ADM7172 series:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.3 V to 6.5 V |
| **Maximum Output Current** | 2 Amps |
| **Output Voltage Options** | Adjustable (1.2V to VIN - V_dropout) or Fixed |
| **PSRR (Power Supply Rejection Ratio)** | 80 dB at 1 kHz; 60 dB at 1 MHz |
| **Output Noise** | 5 μV rms (10 Hz to 100 kHz) |
| **Dropout Voltage** | 170 mV (typical at 2 A load) |
| **Package Type** | 8-lead LFCSP (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Features
The ADM7172ACPZ-R7 is engineered with several advanced features to ensure circuit protection and signal integrity:
* **Ultra-Low Noise:** The 5 μV rms noise performance makes it ideal for noise-sensitive components like ADCs, DACs, and precision amplifiers.
* **High PSRR:** Excellent rejection of high-frequency noise from switching power supplies.
* **Precision Enable:** Allows for controlled power sequencing via a specific threshold on the EN pin.
* **Programmable Soft Start:** Uses an external capacitor to control the voltage ramp-up speed, reducing inrush current.
* **Safety Protections:**
* *Thermal Shutdown:* Prevents damage from overheating.
* *Current Limit:* Protects the device during short-circuit conditions.
---
### 3. Pin Configuration (LFCSP Package)
The device utilizes an 8-lead Lead Frame Chip Scale Package (LFCSP) with an exposed pad for thermal dissipation.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | VOUT | Regulated Output Voltage. |
| 2 | VOUT | Regulated Output Voltage (Internally connected to Pin 1). |
| 3 | SENSE/ADJ | Connect to VOUT (fixed) or external resistor divider (adj). |
| 4 | GND | Ground. |
| 5 | SS | Soft Start pin (connect capacitor to GND). |
| 6 | EN | Enable Input (Active High). |
| 7 | VIN | Input Voltage Supply. |
| 8 | VIN | Input Voltage Supply (Internally connected to Pin 7). |
| EP | PAD | Exposed Pad; must be soldered to GND for thermal relief. |
---
### 4. Typical Application Circuit
Below is a conceptual representation of how to wire the adjustable version of the ADM7172:
```python
# Conceptual Schematic for Adjustable Output
# V_out = 1.2V * (1 + R1 / R2)
Input (VIN) ----[ C_in: 4.7uF ]----( PIN 7/8 )
|
[ ADM7172 ]----( PIN 1/2 )---- Output (VOUT)
| |
( PIN 3: ADJ )-----+----[ R1 ]---+
| |
+----[ R2 ]---+--- GND
```
---
### 5. Common Use Cases
1. **RF and Sensitive Analog:** Powering VCOs, PLLs, and Low Noise Amplifiers (LNAs).
2. **Data Converters:** Providing clean rails for high-speed 16-bit to 24-bit ADCs/DACs.
3. **Medical Imaging:** Used in ultrasound and MRI signal processing where noise is critical.
4. **Communications:** Infrastructure equipment requiring high current (2A) with low ripple.
- ⤷What are the recommended capacitor values for the VIN and VOUT pins?
- ⤷ How does the Soft Start (SS) pin affect the power-up sequence?
- ⤷ What is the difference between the ADM7172 and the ADM7170/71 models?