Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADP-RPSM-SMAF

  • AI
    The **ADP-RPSM-SMAF** is a high-frequency RF (Radio Frequency) coaxial adapter commonly used in wireless communication systems. The nomenclature describes its specific interface conversion: **Reverse Polarity SMA Male** to **Standard SMA Female**. --- ## 1. Technical Specifications Breakdown | Feature | Specification | | :--- | :--- | | **Connector Side A** | RP-SMA Male (Plug) | | **Connector Side B** | SMA Female (Jack) | | **Impedance** | 50 Ohms (Standard for RF) | | **Frequency Range** | DC to 12.4 GHz (Typical) | | **Body Material** | Brass (usually Gold or Nickel plated) | | **Dielectric Type** | PTFE (Teflon) | | **Mounting Type** | In-series coaxial adapter | --- ## 2. Understanding the Connectors ### RP-SMA Male (Reverse Polarity SMA) In a standard SMA Male, there is a center pin. However, in **Reverse Polarity (RP)**, the gender of the interface is swapped regarding the center contact: * **RP-SMA Male:** Has the threading on the *inside* (like a standard male) but features a **hole** (female socket) instead of a pin. ### SMA Female (Standard) * **SMA Female:** Has the threading on the *outside* and features a **hole** (female socket) in the center. > **Note:** This adapter essentially allows you to connect a cable ending in an RP-SMA Female to a device or cable ending in an SMA Male. --- ## 3. Key Electronic Functions * **Impedance Matching:** It maintains a consistent **50 Ohm** environment to prevent signal reflections (Standing Wave Ratio/VSWR). * **Signal Integrity:** High-quality PTFE insulation ensures low insertion loss and prevents leakage at high frequencies (WiFi, Bluetooth, LTE). * **Physical Protection:** Protects the built-in ports of expensive equipment (like Spectrum Analyzers or Routers) by acting as a "connector saver." --- ## 4. Common Applications 1. **WiFi Equipment:** Converting standard SMA antennas to fit RP-SMA routers (commonly found on ASUS, TP-Link, or Linksys consumer routers). 2. **FPV Drones:** Adapting video transmitters (VTX) to different antenna polarities. 3. **SDR (Software Defined Radio):** Connecting various antenna types to RTL-SDR or HackRF devices. 4. **Testing & Measurement:** Interfacing laboratory cables with consumer-grade wireless hardware. ---
    ✨ Follow-up Questions
    • What is the difference between SMA and RP-SMA in terms of center pins?
    • How does a high VSWR affect the performance of this adapter?
    • Which plating material is better for RF adapters: Gold or Nickel?