Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADP1715ARMZ-3.3-R7

  • AI
    The **ADP1715ARMZ-3.3-R7** is a high-performance, low dropout (LDO) linear regulator designed by Analog Devices. It is specifically engineered to provide a stable 3.3V output while handling relatively high current loads with minimal power loss. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 3.3V | | **Input Voltage Range** | 2.5V to 5.5V | | **Maximum Output Current** | 500 mA | | **Dropout Voltage** | 150 mV (at 500mA load) | | **PSRR (Power Supply Rejection Ratio)** | 70 dB at 1 kHz | | **Package Type** | 8-Lead MSOP (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Core Features and Functions The ADP1715 series includes several advanced features that make it suitable for sensitive electronic circuits: ### A. Soft Start Functionality The "ARMZ" variant typically includes a **Soft Start** feature. This allows the output voltage to ramp up gradually, which limits the "inrush current" that occurs when the device is first powered on. This protects the upstream power source and prevents voltage spikes. ### B. Tracking/Adjustable Capabilities While this specific model is fixed at 3.3V, the ADP1715 architecture is designed for excellent load transient response, meaning it can quickly adjust to sudden changes in the current demanded by the load without significant voltage fluctuations. ### C. Protection Mechanisms * **Thermal Overload Protection:** Automatically shuts down the device if the internal temperature exceeds safe limits. * **Short-Circuit Protection:** Limits the current output if a short circuit is detected, preventing permanent damage to the regulator. --- ## 3. Pin Configuration (8-Lead MSOP) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Regulator Input Supply. | | 2 | **GND** | Ground. | | 3 | **EN** | Enable Input. High = On, Low = Off. | | 4 | **SS** | Soft Start. Connect a capacitor to set the start-up time. | | 5 | **SENSE** | Feedback for the output voltage (connected to VOUT). | | 6 | **VOUT** | Regulated Output Voltage. | | 7, 8 | **NC** | No Internal Connection. | --- ## 4. Typical Applications Due to its high PSRR and low noise, the ADP1715ARMZ-3.3-R7 is commonly found in: * **Mobile Handsets:** Powering digital-to-analog converters (DACs). * **Medical Equipment:** Stable power for precision sensors. * **Post-Regulation:** Cleaning up the "noisy" output from a Switching Power Supply (Buck/Boost). * **PCMCIA Cards:** Standardized power delivery for portable peripherals. --- ## 5. Part Number Breakdown * **ADP1715:** Model Family (500mA LDO). * **ARMZ:** Package Code (MSOP) and RoHS compliance. * **3.3:** Fixed Output Voltage (3.3 Volts). * **R7:** Packaging format (7-inch Tape and Reel).
    ✨ Follow-up Questions
    • ⤷ What is the recommended capacitor value for the Soft Start (SS) pin?
    • ⤷ How does the 150mV dropout voltage affect efficiency in a 5V to 3.3V conversion?
    • ⤷ Are there any thermal layout considerations for the 8-lead MSOP package?