Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADP1763ACPZ-1.2-R7

  • AI
    ## ADP1763ACPZ-1.2-R7: Technical Overview The **ADP1763ACPZ-1.2-R7** is a low dropout (LDO) linear regulator designed by Analog Devices. It is specifically engineered to provide high output current with ultra-low noise and excellent power supply rejection ratio (PSRR), making it ideal for noise-sensitive high-performance circuits. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage** | 1.2V (Fixed) | | **Input Voltage Range** | 1.1V to 1.98V | | **Max Output Current** | 3.0 Amps | | **Dropout Voltage** | 95 mV (typical at 3A load) | | **Package Type** | 16-Lead LFCSP (4mm x 4mm) | | **Operating Temperature** | -40°C to +125°C | | **PSRR** | 62 dB at 1 kHz; 35 dB at 1 MHz | --- ### 2. Functional Features The device includes several specialized features to ensure stability and protection: * **Soft Start Capability:** Reduces inrush current during startup by allowing the output voltage to ramp up linearly. * **Precision Enable:** Allows the device to be turned on or off with a logic-level signal, facilitating power sequencing. * **Power-Good (PG) Output:** An open-drain output that signals when the output voltage is within its regulated range. * **Protection Mechanisms:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits. * **Current-Limit Protection:** Prevents damage during short-circuit or over-current conditions. --- ### 3. Application Areas Due to its high current capacity and low noise floor, this LDO is commonly used in: 1. **FPGA/DSP Power:** Providing the core voltage for high-speed digital processors. 2. **ADC/DAC Supplies:** Powering precision data converters where power supply noise affects accuracy. 3. **ASIC Powering:** Used in high-speed networking and telecommunications equipment. 4. **Medical Imaging:** For low-noise analog signal processing chains. --- ### 4. Typical Application Circuit (Conceptual) ```mermaid graph LR Vin[Input 1.4V] --> LDO[ADP1763] LDO --> Vout[Output 1.2V / 3A] C1[10uF Input Cap] --- Vin C2[22uF Output Cap] --- Vout EN[Enable Signal] --> LDO PG[Power Good] --- Monitor[System Controller] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the 16-lead LFCSP package to ensure proper thermal dissipation?
    • ⤷ How does the Soft Start pin (SS) calculate the ramp-up time for this LDO?
    • ⤷ What is the minimum recommended input voltage for stable operation at a 1.2V output?