Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADP1763ACPZ0.95-R7

  • AI
    ## Technical Overview: ADP1763ACPZ0.95-R7 The **ADP1763ACPZ0.95-R7** is a high-performance, low dropout (LDO) linear regulator designed by Analog Devices. It is specifically engineered to power noise-sensitive high-speed analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 0.95 V | | **Maximum Output Current** | 3.0 A | | **Input Voltage Range** | 1.10 V to 1.98 V | | **Dropout Voltage** | 95 mV (typical at 3A load) | | **PSRR (Power Supply Rejection Ratio)** | 62 dB at 1 kHz | | **Noise Performance** | 2 μV rms (10 Hz to 100 kHz) | | **Package Type** | 16-lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Components and Pins The device incorporates several internal features to ensure stability and protection: * **Soft Start (SS):** Allows for a controlled increase in output voltage during power-up to reduce inrush current. * **Power Good (PG):** An open-drain output that signals when the output voltage has reached a stable level. * **Precision Enable (EN):** Used to turn the device on/off; can be used for power sequencing. * **REFCAP:** A capacitor pin used to filter internal reference noise, essential for achieving ultra-low noise output. * **Thermal Overload Protection:** Automatically shuts down the device if the junction temperature exceeds safety limits. --- ### 3. Application Use Cases Due to its high current capability and low noise profile, it is commonly used in: 1. **FPGA and DSP Power:** Providing the core voltage for high-speed digital processors. 2. **ADC/DAC Circuits:** Powering precision data converters where power supply noise can degrade performance. 3. **Medical Imaging:** Used in sensitive signal chains requiring stable, clean power. 4. **High-Speed Networking:** Powering optical modules and SerDes interfaces. --- ### 4. Implementation Requirements (Typical Circuit) To ensure stable operation, the following external components are typically required: ```yaml Components: - Input_Capacitor: 10 µF (Low ESR Ceramic) - Output_Capacitor: 22 µF (Low ESR Ceramic) - SS_Capacitor: Optional (Controls ramp-up time) - REFCAP_Capacitor: 1 µF (Required for noise reduction) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP1763 and the ADP1762 series?
    • ⤷ How does the dropout voltage change if the load current is reduced to 1A?
    • ⤷ Is there an adjustable version of this LDO available?