Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADP1763ACPZ1.25-R7

  • AI
    ## Technical Overview of ADP1763ACPZ1.25-R7 The **ADP1763ACPZ1.25-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide high output current with very low noise, making it ideal for noise-sensitive applications like high-speed data converters and RF components. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Output Voltage (Fixed)** | 1.25 V | | **Maximum Output Current** | 3 A | | **Input Voltage Range** | 1.10 V to 1.98 V | | **Dropout Voltage** | 95 mV (at 3 A load) | | **PSRR (at 10 kHz)** | 62 dB | | **Noise Density** | 2 μV rms (10 Hz to 100 kHz) | | **Package Type** | 16-lead LFCSP (3mm x 3mm) | --- ### 2. Core Functional Blocks The internal architecture of the ADP1763 consists of several critical electronic stages: * **Low Noise Reference:** A high-precision internal reference voltage that ensures the 1.25V output remains stable across temperature variations. * **Error Amplifier:** This component compares the feedback voltage with the reference and adjusts the pass transistor to maintain the regulated output. * **NMOS Pass Transistor:** Unlike many LDOs that use PMOS, this device utilizes an NMOS pass element, which allows for significantly lower dropout voltages and better transient response. * **Soft Start Circuitry:** Limits the inrush current during startup by controlling the ramp-up of the output voltage. * **Protection Circuits:** Includes thermal overload protection and current-limit protection to prevent damage during fault conditions. --- ### 3. Application Use Cases Due to its high current capability and low noise profile, the ADP1763ACPZ1.25-R7 is typically used in the following environments: 1. **FPGA & DSP Powering:** Providing clean, stable power to the core rails of high-performance processors. 2. **ADC/DAC Circuits:** Powering precision analog-to-digital and digital-to-analog converters where power supply noise directly impacts signal integrity. 3. **RF Infrastructure:** Powering transceivers and power amplifiers in wireless communication base stations. --- ### 4. Implementation Example (Schematic Logic) To utilize this part, external capacitors are required for stability. Below is a simplified representation of the typical configuration: ```c // Typical Pin Connections for ADP1763 VIN --> [10uF MLCC Capacitor] --> GND VOUT --> [22uF MLCC Capacitor] --> GND EN --> Logic High (To enable the device) SS --> [0.1uF Capacitor] --> GND (Soft Start timing) REFCAP --> [1uF Capacitor] --> GND (Noise reduction) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between NMOS and PMOS pass transistors in LDOs?
    • ⤷ How does the 'Soft Start' feature protect the circuit during power-up?
    • ⤷ What are the recommended layout practices for the 16-lead LFCSP package to manage heat?