AI

## ADP1761ARMZ-3.0-R7: Technical Overview
The **ADP1761ARMZ-3.0-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide stable, low-noise power for noise-sensitive components like RF circuits, high-speed ADCs, and precision instrumentation.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of this specific variant:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 3.0 V |
| **Maximum Output Current** | 1 A |
| **Input Voltage Range** | 1.1 V to 1.98 V |
| **Dropout Voltage** | 30 mV (at 1 A load) |
| **PSRR (Power Supply Rejection Ratio)** | 67 dB at 10 kHz; 45 dB at 1 MHz |
| **Output Noise** | 2 μV rms (10 Hz to 100 kHz) |
| **Operating Temperature** | -40°C to +125°C |
| **Package** | 8-Lead MSOP-EP (Mini Small Outline Package with Exposed Pad) |
---
### 2. Core Functional Parts
The internal architecture of the ADP1761 includes several critical stages to ensure high-speed performance and stability:
* **Low Noise Reference:** A precision internal voltage reference that maintains accuracy over temperature and load variations.
* **Error Amplifier:** Compares the output voltage to the internal reference to maintain a steady 3.0V output.
* **NMOS Pass Transistor:** Unlike standard PMOS LDOs, this uses an NMOS pass element, which allows for a very low dropout voltage and high PSRR at high frequencies.
* **Soft Start Circuit:** Prevents current spikes during power-up by gradually increasing the output voltage.
* **Protection Circuitry:** Includes Thermal Shutdown (TSD) and Overcurrent Protection (OCP) to prevent damage under fault conditions.
---
### 3. Pin Configuration (8-Lead MSOP)
The device utilizes an exposed pad for thermal dissipation, which must be soldered to the PCB ground.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VOUT** | Regulated Output Voltage (3.0V). |
| 2, 3 | **VOUT/NC** | Output or No Connection (Depending on layout). |
| 4 | **GND** | Ground. |
| 5 | **EN** | Enable Input. High = On, Low = Off. |
| 6, 7 | **VIN** | Input Voltage Supply. |
| 8 | **SS/ADJ** | Soft Start/Adjust. Connect a capacitor for soft-start timing. |
| EP | **Exposed Pad** | Thermal interface, must be connected to Ground. |
---
### 4. Part Number Breakdown
The suffixing provides information on the packaging and specific voltage:
* **ADP1761**: Base Model (1A LDO).
* **ARMZ**: Package code (MSOP-EP, RoHs Compliant).
* **3.0**: Fixed Output Voltage (3.0 Volts).
* **R7**: Tape and Reel packaging (7-inch reel).
---
### 5. Application Circuit Example
A typical circuit requires minimal external components for operation:
```text
Input (1.1V - 1.98V) ----[ C_IN: 10uF ]----( VIN )
|
[ ADP1761 ]----( VOUT )----[ C_OUT: 10uF ]---- Output (3.0V)
|
( GND )
```
*Note: The input voltage must be higher than the output + dropout, however, the ADP1761 is specifically designed for low voltage rails (typically stepping down from 1.8V to 1.5V, though this specific variant is tuned for 3.0V).*
---
- ⤷
What is the difference between the NMOS pass transistor and a standard PMOS in LDOs?
- ⤷ How does the Soft Start (SS) pin affect the power-up sequence?
- ⤷ What are the thermal considerations for the MSOP-EP package at 1A current?