ADP7105ACPZ-R2
AI

The **ADP7105ACPZ-R2** is a high-performance CMOS, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to operate from high input voltages (up to 20V) and provide high output current with very low noise.
---
### ## 1. Key Specifications and Features
The following table summarizes the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 3.3 V to 20 V |
| **Maximum Output Current** | 500 mA |
| **Dropout Voltage** | 330 mV (typical at 500 mA load) |
| **Output Voltage Options** | Fixed (3.3V, 5V) or Adjustable (1.22V to 19V) |
| **PSRR (Power Supply Rejection Ratio)** | 80 dB at 1 kHz; 60 dB at 100 kHz |
| **Low Noise** | 15 μV rms (fixed output versions) |
| **Package Type** | 8-lead LFCSP (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### ## 2. Pin Configuration and Functions
The "ACPZ" suffix refers to the LFCSP package, which includes an exposed pad for thermal management.
1. **VOUT:** Regulated output voltage.
2. **SENSE / ADJ:** Connects to VOUT for fixed versions or a resistor divider for adjustable versions.
3. **GND:** Ground reference.
4. **EN (Enable):** Logic high enables the part; logic low disables it.
5. **VIN:** Input voltage supply.
6. **SS (Soft Start):** A capacitor here controls the output voltage ramp-up time.
7. **PG (Power Good):** Open-drain output that indicates the output voltage is within regulation.
8. **Exposed Pad:** Must be soldered to the PCB ground plane for heat dissipation.
---
### ## 3. Internal Protections
The ADP7105 includes several integrated safety features to ensure reliability in harsh electronic environments:
* **Thermal Overload Protection:** Automatically shuts down the device if the junction temperature exceeds 150°C.
* **Current-Limit Protection:** Protects the device against short circuits or excessive load demands.
* **Programmable Soft Start:** Reduces inrush current during startup, which is critical for sensitive downstream components.
* **Reverse Current Protection:** Prevents current from flowing from the output back to the input when $V_{OUT} > V_{IN}$.
---
### ## 4. Common Applications
Due to its high PSRR and low noise floor, this part is ideal for:
* Regulation to noise-sensitive analog-to-digital converters (ADCs) and DACs.
* High-performance RF filters and oscillators.
* Post-regulation for switching power supplies.
* Industrial and medical instrumentation.
---
- ⤷
What is the significance of the 'R2' suffix in the part number?
- ⤷ How do you calculate the resistor values for the adjustable version of the ADP7105?
- ⤷ What are the recommended input and output capacitor types for this LDO?