ADR370ART-R2
AI

## ADR370ART-R2: Electronic Component Overview
The **ADR370ART-R2** is a high-precision, low-power voltage reference integrated circuit manufactured by **Analog Devices**. It is designed specifically for applications requiring a stable voltage output despite fluctuations in temperature or input power.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 2.048 V |
| **Input Voltage Range** | 2.3 V to 18 V |
| **Temperature Coefficient** | 50 ppm/°C (Max) |
| **Initial Accuracy** | ±5 mV (0.24%) |
| **Quiescent Current** | 72 µA (Max) |
| **Package Type** | SOT-23-3 |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Description
The ADR370 belongs to a family of **band gap voltage references**. It utilizes a proprietary architecture that achieves high accuracy and stability without the need for external capacitors in some configurations (though capacitors are recommended for noise reduction).
#### Main Internal Components:
* **Band Gap Core:** Provides the stable 2.048V reference by balancing the temperature coefficients of two bipolar transistors.
* **Error Amplifier:** Maintains the output voltage by comparing it against the internal reference and adjusting the output driver.
* **Output Stage:** Designed to drive loads up to 5mA while maintaining low dropout voltage.
---
### 3. Pin Configuration (SOT-23)
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **$V_{in}$** | Input Voltage Supply |
| 2 | **$V_{out}$** | Reference Output Voltage |
| 3 | **GND** | Ground |
---
### 4. Typical Application Circuit
The device is often used to provide a reference for Analog-to-Digital Converters (ADCs). The 2.048V output is particularly useful because it corresponds to exactly 0.5mV per bit in a 12-bit ADC ($2.048 / 4096$).
```c
// Simplified Circuit Representation
[Input Supply 5V] ----> [ Pin 1 (Vin) ]
|
[ ADR370ART-R2 ] ----> [ Pin 2 (Vout: 2.048V) ]
| |
[ Pin 3 (GND) ] [ 0.1uF Capacitor ]
| |
--- Ground --- --- Ground ---
```
---
### 5. Notable Features
* **Low Power Consumption:** With a maximum supply current of 72 µA, it is ideal for battery-powered handheld devices.
* **High Supply Rejection:** It effectively filters out noise from the input power supply.
* **Small Footprint:** The SOT-23 package allows for dense PCB layouts.
- ⤷
What are the main differences between the ADR370 and the ADR340 series?
- ⤷ How does the temperature coefficient affect the precision of an ADC measurement?
- ⤷ Are there specific layout recommendations for minimizing noise in this IC?