Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ADR5044BRTZ-R2

  • AI
    ## Technical Overview of ADR5044BRTZ-R2 The **ADR5044BRTZ-R2** is a high-precision, shunt-mode voltage reference manufactured by **Analog Devices**. It is designed for space-constrained applications requiring high stability and low power consumption. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Reference Voltage ($V_{out}$)** | 4.096 V | | **Topology** | Shunt (Two-terminal) | | **Initial Accuracy** | ±0.1% (Grade B) | | **Temperature Coefficient** | 75 ppm/°C | | **Operating Current Range** | 60 µA to 15 mA | | **Package Type** | SOT-23-3 | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Description Unlike a series regulator, the ADR5044 acts like a precision Zener diode. It maintains a constant voltage of **4.096 V** across its terminals by adjusting its internal resistance to shunt excess current to ground. #### Critical Features: * **No Output Capacitor Required:** This device is stable without an external output capacitor, saving board space. * **Low Power:** With a minimum operating current of only 60 µA, it is ideal for battery-powered handheld devices. * **Precision Output:** The 4.096V output is specifically chosen because it simplifies calculations in digital systems (e.g., in a 12-bit ADC, 1 LSB = 1 mV). --- ### 3. Application Circuit (Example) To use the ADR5044, an external resistor ($R_{bias}$) is required to limit the current. ```python # Formula to calculate the Bias Resistor (R_bias): # R_bias = (V_supply - V_out) / (I_load + I_shunt) # Example: # V_supply = 5.0V # V_out = 4.096V # Required Current = 1mA # R_bias = (5.0 - 4.096) / 0.001 = 904 Ohms ``` --- ### 4. Common Use Cases 1. **Precision Data Acquisition:** Providing the reference voltage for ADCs and DACs. 2. **Industrial Process Control:** Current loops and sensor calibration. 3. **Portable Instrumentation:** Battery-operated multimeters or gas detectors. 4. **Space-Constrained Modules:** Small form-factor medical devices.
    ✨ Follow-up Questions
    • ⤷ How does the shunt topology differ from a series voltage reference in terms of efficiency?
    • ⤷ What is the significance of the 4.096V value for ADC applications?
    • ⤷ What are the recommended values for the bias resistor under varying input voltages?