AI

The **ADRF5021BCCZN-R7** is a high-performance, silicon-based, reflective SPDT (Single Pole Double Throw) switch manufactured by Analog Devices. It is designed for high-frequency applications ranging from 9 kHz to 30 GHz.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 9 kHz to 30 GHz |
| **Insertion Loss** | 2.0 dB (at 30 GHz) |
| **Isolation** | 60 dB (at 30 GHz) |
| **Input P1dB** | 28 dBm (High Power Mode) |
| **Switching Speed** | 10 ns (Rise/Fall Time) |
| **Control Interface** | CMOS/LVTTL Compatible |
| **Package** | 20-terminal LGA (3mm x 3mm) |
---
### 2. Core Functional Components
The ADRF5021 is built using a Silicon-on-Insulator (SOI) process, which provides several advantages over traditional GaAs (Gallium Arsenide) switches:
* **Integrated Driver:** The chip includes internal logic circuitry that allows it to be controlled directly by standard 3.3V or 1.8V digital signals, eliminating the need for external negative voltage generators.
* **Reflective Architecture:** Unlike "non-reflective" (absorptive) switches, the RF ports that are "OFF" reflect the signal back to the source. This is ideal for applications where the reflected signal does not harm the upstream components.
* **Fast Settling Time:** The internal driver is optimized for rapid state changes, making it suitable for high-speed switching and pulse modulation.
---
### 3. Pinout and Connectivity
The device uses a compact Land Grid Array (LGA) package. Below is a simplified description of the critical pins:
| Pin Type | Name | Description |
| :--- | :--- | :--- |
| **RF Ports** | RFC, RF1, RF2 | RF Common and two switchable output paths. |
| **Power** | VDD, VSS | Positive and Negative supply voltages (Dual Supply). |
| **Control** | CTRL | Digital input to toggle between RF1 and RF2. |
| **Ground** | GND | Thermal and electrical ground (must be soldered to PCB paddle). |
---
### 4. Typical Applications
Due to its wide bandwidth and high isolation, this part is commonly used in:
1. **Test and Measurement:** High-frequency signal routing in oscilloscopes and spectrum analyzers.
2. **5G Infrastructure:** Beamforming and signal path selection in mmWave base stations.
3. **Military & Aerospace:** Electronic warfare systems and radar signal routing.
---
### 5. Part Number Breakdown (ADRF5021BCCZN-R7)
* **ADRF:** Analog Devices RF Switch Series.
* **5021:** Specific model identifier (9 kHz – 30 GHz).
* **B:** Version/Revision code.
* **CCZ:** Package code (LGA).
* **N:** RoHS Compliant.
* **R7:** Packaging format (7-inch Reel, typically 500 units).
- ⤷
What is the difference between this reflective switch and an absorptive version like the ADRF5020?
- ⤷ What are the specific power supply requirements for the VDD and VSS pins?
- ⤷ How does the SOI process benefit this switch compared to traditional GaAs technology?