ADS101-R680DB
AI

The **ADS101-R680DB** is a high-performance **Surface Mount Device (SMD) Power Inductor**. These components are specifically designed for high-frequency DC-DC conversion applications where space is limited and high current handling is required.
---
## 1. Technical Specifications
The part number follows a standard naming convention that reveals its primary electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.68 µH | The nominal inductance value (denoted by R68). |
| **Tolerance** | ±20% | Standard deviation from the nominal value. |
| **DC Resistance (DCR)** | ~1.5 mΩ - 2.5 mΩ | Low resistance to minimize power loss and heat. |
| **Saturation Current** | ~15A - 25A | The current at which inductance drops by 20-30%. |
| **Operating Temp** | -40°C to +125°C | Suitable for industrial and automotive environments. |
| **Construction** | Shielded | Magnetic shielding to prevent EMI (Electromagnetic Interference). |
---
## 2. Key Features
The ADS101-R680DB belongs to a category of "Molded Power Inductors." Its internal construction provides several advantages:
* **Composite Core Material:** Usually made from metal alloy powder, which provides a "soft" saturation characteristic (it doesn't lose inductance abruptly as current increases).
* **Low Profile:** The "101" or similar size codes usually refer to a footprint of approximately 10mm x 10mm with a very low height (often <4mm).
* **High Efficiency:** Due to the extremely low DCR (DC Resistance), it reduces $I^2R$ losses, making it ideal for high-efficiency power supplies.
* **Shielded Design:** The molded body acts as a magnetic shield, significantly reducing magnetic flux leakage and noise interference with nearby components.
---
## 3. Typical Applications
This component is typically found in the power stage of modern electronics:
1. **Voltage Regulator Modules (VRM):** Used in CPU and GPU power delivery on motherboards.
2. **DC-DC Converters:** Point-of-load (POL) converters for converting 12V or 5V down to 1.xV for digital logic.
3. **Battery Powered Devices:** Used in laptops and tablets where high efficiency is critical for battery life.
4. **Telecommunications:** Base station power modules and high-current networking equipment.
---
## 4. Soldering and Layout Recommendations
Because this is an SMD component handling high current, the PCB layout is critical:
```markdown
1. Use wide copper traces to handle high current and act as a heatsink.
2. Place the inductor as close as possible to the switching IC to minimize the current loop.
3. Avoid placing sensitive signal traces directly under the inductor to minimize EMI coupling.
```
- ⤷What is the physical footprint dimensions for the ADS101 series?
- ⤷ How does the 'R68' in the part number correlate to the inductance value?
- ⤷ What are the common failure modes for molded power inductors?