AFB0512HHD-R00
AI

## Technical Overview of Delta AFB0512HHD-R00
The **AFB0512HHD-R00** is a high-performance DC axial fan manufactured by Delta Electronics. It belongs to the AFB series, which is known for its reliability in cooling computing and industrial equipment.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Voltage - Rated** | 12V DC |
| **Operating Voltage Range** | 7.0V to 13.8V DC |
| **Current (Ampere)** | 0.17A (Max 0.24A) |
| **Power (Watt)** | 2.04W |
| **Speed (RPM)** | 6000 RPM |
| **Air Flow** | 16.24 CFM (0.460 m³/min) |
| **Static Pressure** | 0.288 in H2O (7.32 mmH2O) |
| **Noise Level** | 35.0 dB(A) |
| **Bearing Type** | Ball Bearing |
---
### 2. Electronic Interface & Wiring
The suffix **"-R00"** in the model number denotes a specific electronic output configuration, typically used for system monitoring.
* **Number of Wires:** 3 Wires.
* **Terminal Types:**
1. **Red (+):** Positive Power Supply (12V).
2. **Black (-):** Ground (GND).
3. **Blue/White (Signal):** **Locked Rotor Sensor (R00).**
#### The "R00" Sensor Function
Unlike a Tachometer (FG) which sends pulses to measure RPM, the **R00** sensor is a "High/Low" logic output:
* **Normal Operation:** The signal pin stays at a "Low" logic level.
* **Locked Rotor:** If the fan blades stop spinning due to an obstruction, the signal pin flips to a "High" logic level. This triggers a system alarm to prevent overheating.
---
### 3. Internal Components & Protection
The internal circuitry of the AFB0512HHD-R00 includes several protective electronic features:
* **Brushless DC (BLDC) Motor:** Driven by an internal IC that handles electronic commutation, eliminating the need for physical brushes and reducing EMI.
* **Polarity Protection:** Built-in diodes protect the fan's control board if the positive and negative wires are accidentally reversed.
* **Locked Rotor Protection:** The IC automatically cuts or pulses power to the motor coils if it detects the fan is stuck, preventing the motor from burning out.
* **Auto-Restart:** Once the obstruction is removed, the internal timing circuit attempts to restart the fan automatically.
---
### 4. Physical Dimensions
* **Size:** 50mm x 50mm
* **Thickness:** 20mm
* **Weight:** 38 grams
* **Frame Material:** Plastic (UL 94V-0)
---
- ⤷
What is the difference between an R00 sensor and an F00 (Tachometer) sensor in Delta fans?
- ⤷ Can this fan be controlled via PWM to adjust its speed?
- ⤷ How do I interface the Locked Rotor signal with a microcontroller like an Arduino?