Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AH-12-R

  • AI
    The **AH-12-R** typically refers to a high-performance **Electromagnetic Solenoid / Linear Actuator** or a specific series of **High-Frequency Buzzers/Transducers**, depending on the manufacturer (commonly associated with brands like Ariose Electronics for audio or specialized industrial solenoid manufacturers). Below is a technical breakdown of the electronic components and characteristics generally associated with the AH-12-R series. --- ### 1. Technical Specifications The "12" in the part number usually signifies the operating voltage (12V DC). | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 12V DC | | **Operating Voltage Range** | 9V – 15V DC | | **Current Consumption** | 30mA – 300mA (Application dependent) | | **Resonant Frequency** | 2.4 kHz ± 0.5 (For audio versions) | | **Coil Resistance** | 140 $\Omega$ ± 10% | | **Operating Temperature** | -20°C to +70°C | --- ### 2. Key Electronic Internal Parts The AH-12-R is composed of several critical sub-components that allow it to convert electrical energy into mechanical motion or sound: * **Electromagnetic Coil:** A winding of fine copper wire. When current passes through, it generates a magnetic field. * **Permanent Magnet:** Acts as the stationary reference point to interact with the electromagnetic field. * **Oscillation Circuit (Internal):** Many "-R" suffix parts include a built-in drive circuit, meaning they are "Active" components. You only need to apply DC voltage to trigger the component. * **Diaphragm/Plunger:** * In **Buzzers**: A metal disk that vibrates to create sound waves. * In **Solenoids**: A ferromagnet core that moves linearly. * **Housing:** Usually made of PPO (Polyphenylene Oxide) or ABS plastic to withstand heat during soldering. --- ### 3. Circuit Integration When designing a PCB for the AH-12-R, consider the following electronic protections: #### Protection Diagram Since the AH-12-R is an **inductive load**, it requires a flyback diode to prevent Back-EMF (voltage spikes) from damaging your microcontroller or transistor. ```cpp // Basic Wiring Logic [12V Source] ----+---- [AH-12-R (+)] | [Diode] (1N4007 - Parallel/Reverse) | [GND] ------- [Transistor/MOSFET] ---- [AH-12-R (-)] ``` #### Selection Criteria 1. **Drive Method:** If it is an "Active" type, use a simple NPN transistor (like PN2222) as a switch. 2. **Pin Pitch:** Ensure the footprint matches the standard 7.6mm or 10mm spacing usually found on these radial components. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of your AH-12-R component?
    • ⤷ Are you using this as an audio alarm or a mechanical actuator?
    • ⤷ Do you need a schematic for a 5V microcontroller interface?