AH-24-R
AI

The **AH-24-R** typically refers to a specific model of an **Audible/Visible (A/V) notification appliance**, commonly a wall-mounted fire alarm horn strobe manufactured by companies like Potter Electric Signal or similar fire safety brands.
Below is a breakdown of its electronic components, specifications, and functional design.
### 1. Technical Specifications
The device is designed to operate within standard fire alarm control panel (FACP) parameters.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 24V DC (Standard) or FWR (Full Wave Rectified) |
| **Operating Range** | 16V to 33V DC |
| **Strobe Intensity** | Fixed 15/75 Candela (typically) |
| **Sound Output** | 82–100+ dBA depending on setting |
| **Mounting** | Wall Mount |
| **Color** | Red (indicated by the "-R" suffix) |
---
### 2. Core Electronic Components
The AH-24-R consists of several integrated circuits and hardware components to manage power and signaling:
#### A. The Xenon Flashtube (or LED)
* **Function:** The "Strobe" portion.
* **Electronics:** It uses a high-voltage trigger transformer and a storage capacitor. The circuitry converts the 24V DC input into a high-voltage pulse to ionize gas in the tube, creating a bright flash.
#### B. Piezoelectric Transducer / Horn
* **Function:** The "Audible" portion.
* **Electronics:** A ceramic piezoelectric element vibrates when an oscillating electrical signal is applied. This model usually features a "Temporal 3" pattern generator (three pulses followed by a pause) required by modern life safety codes.
#### C. Voltage Regulator & Protection
* **Polarity Protection:** Includes a diode bridge to prevent damage if the wires are connected backward and to allow for supervision (reverse polarity monitoring) by the fire panel.
* **In-rush Current Limiter:** Ensures that when the system starts, it doesn't cause a massive current spike that could trip the panel’s fuses.
#### D. Synchronizing Circuitry
* **Function:** Ensures multiple strobes in a room flash at the exact same time to prevent photosensitive epilepsy triggers.
* **Logic:** It contains a logic chip that listens for a "sync pulse" from a synchronization module or a compatible FACP.
---
### 3. Connection Diagram Logic
The device uses a standard terminal block for field wiring.
```mermaid
graph LR
A[FACP 24V Source] --> B[Terminal +]
C[FACP Return] --> D[Terminal -]
B --> E[Internal Strobe Circuit]
B --> F[Internal Horn Circuit]
D --> E
D --> F
```
### 4. Selection Switches (Jumper/DIP)
Most AH-24-R units feature internal jumpers or switches that allow technicians to:
1. **Select Volume:** High or Low decibel output.
2. **Select Tone:** Continuous tone or Temporal 3 (ANSI S3.41) pattern.
---
- ⤷
How do you calculate the current draw for multiple AH-24-R units on a single circuit?
- ⤷ What is the difference between DC and FWR power supply for these devices?
- ⤷ Can the strobe and horn be controlled independently on this model?