Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AH472M

  • AI
    The **AH472M** refers to a high-voltage ceramic disc capacitor, specifically a **Safety Certified Y-Class Capacitor**. These components are critical in power supply design for filtering electromagnetic interference (EMI) and ensuring user safety. --- ### 1. Technical Specifications The alphanumeric code "472M" follows standard industry labeling conventions for capacitance and tolerance. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance Code** | 472 | 47 followed by two zeros (4,700 pF or 4.7 nF) | | **Tolerance** | M | ±20% | | **Safety Class** | Y1 or Y2 | Determined by sub-series (usually Y2 for standard AH) | | **Voltage Rating** | 250V - 400V AC | Rated for AC line applications | | **Dielectric Material** | Ceramic (Class II) | Typically Y5U or Y5V temperature coefficients | --- ### 2. Breakdown of the Marking "472M" The code is interpreted using the "Picofarad System": * **47**: The first two digits represent the significant figures. * **2**: The third digit is the multiplier ($10^2$). * **Calculation**: $47 \times 100 = 4,700$ pF. * **Conversion**: $4,700 \text{ pF} = 4.7 \text{ nF} = 0.0047 \mu\text{F}$. --- ### 3. Key Functions & Applications These capacitors are specifically designed for "Line-to-Ground" (Y-capacitor) applications. * **EMI/RFI Suppression**: They filter out high-frequency noise from the power line to the ground to prevent interference with other electronics. * **Safety Isolation**: They are designed to fail **open** rather than shorted. This prevents the chassis of a device from becoming "live" and causing an electric shock to the user if the capacitor fails. * **Common Use Cases**: * Switching Mode Power Supplies (SMPS). * AC Adapters/Chargers. * Household appliances (Washing machines, Refrigerators). * Industrial automation power rails. --- ### 4. Physical Characteristics * **Body**: Usually encapsulated in a blue or orange flame-retardant epoxy resin (UL94V-0 rated). * **Leads**: Radial wire leads for Through-Hole Technology (THT) mounting on PCBs. * **Markings**: Usually include safety logos (UL, VDE, CQC) indicating they meet international safety standards (IEC 60384-14). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an X-class and a Y-class capacitor?
    • ⤷ Can I replace an AH472M with a capacitor of a higher voltage rating?
    • ⤷ How do temperature coefficients like Y5U affect the performance of this capacitor?