AISC-0805-R039
AI

## AISC-0805-R039 Electronic Component Overview
The **AISC-0805-R039** is a Surface Mount (SMD) Wire-Wound Inductor manufactured by Abracon. It belongs to the AISC series, which is designed for high-frequency applications requiring high stability and precision.
---
### 1. Key Technical Specifications
The part number itself acts as a code for its primary characteristics. Below are the specific parameters for this component:
| Parameter | Value | Notes |
| :--- | :--- | :--- |
| **Inductance** | 39 nH | Nanohenries |
| **Tolerance** | ±5% (J) | Standard precision |
| **Case Size** | 0805 (2012 Metric) | 2.0mm x 1.25mm |
| **DC Resistance (DCR)** | 0.15 Ω (Max) | Affects power efficiency |
| **Rated Current** | 600 mA | Maximum continuous current |
| **Self-Resonant Frequency** | 2000 MHz | Minimum SRF |
| **Quality Factor (Q)** | 50 (Min) | Measured at 500 MHz |
---
### 2. Physical Construction
The **AISC-0805** series uses a **wire-wound** construction over a ceramic core.
* **Ceramic Core:** Provides excellent thermal stability and a high Self-Resonant Frequency (SRF), making it ideal for RF applications.
* **Wire-Wound Design:** Unlike multilayer inductors, the wire-wound method allows for much higher Q-factors and lower DCR, which minimizes signal loss.
* **Encapsulation:** Usually coated with a clear epoxy resin for mechanical protection during pick-and-place assembly.
---
### 3. Common Applications
Due to its high Q-factor and high-frequency performance, this part is typically used in:
* **RF Circuits:** Matching networks, filters, and oscillators.
* **Wireless Communication:** Bluetooth, Wi-Fi, and cellular infrastructure.
* **High-Speed Data:** Signal conditioning in high-frequency data lines.
* **Tuned Circuits:** Where precise inductance values are required to maintain frequency stability.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **AISC** | Abracon Inductor Series (Ceramic) |
| **0805** | Package Size (0.08 x 0.05 inches) |
| **R039** | Inductance Value (R = decimal point; 0.039 µH = 39 nH) |
- ⤷
What are the main differences between wire-wound and multilayer inductors in RF circuits?
- ⤷ How does the Self-Resonant Frequency (SRF) affect the performance of this inductor?
- ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?