AISC-1008-R027
AI

The **AISC-1008-R027** is an **SMD (Surface Mount Device) Power Inductor**. Components of this type are essential in power management circuits for filtering, energy storage, and voltage regulation.
Below is a breakdown of its electronic specifications and physical characteristics.
---
## 1. Technical Specifications
This inductor is defined by its inductance value, physical size, and current handling capabilities.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 27 nH (Nanohenries) | The "R027" in the part number indicates 0.027 µH. |
| **Tolerance** | ±5% to ±20% | Depending on the specific binning (usually J or K). |
| **Package Size** | 1008 (Inch) / 2520 (Metric) | Dimensions are approx. 2.5mm x 2.0mm. |
| **Core Material** | Ceramic or Ferrite | Ceramic is common for high-frequency RF applications. |
| **SRF (Self-Resonant Freq)** | High (GHz range) | Determines the max frequency the part acts as an inductor. |
---
## 2. Deciphering the Part Number
The alphanumeric code follows a standardized naming convention used by manufacturers like **Abracon** (the most common manufacturer for the AISC series).
* **AISC**: Series name (Wire-wound Ceramic Chip Inductor).
* **1008**: Physical case size (length 0.10" x width 0.08").
* **R027**: Nominal Inductance. "R" acts as the decimal point in microhenries (0.027 µH = 27 nH).
---
## 3. Key Electronic Functions
In a circuit, the AISC-1008-R027 serves three primary roles:
### High-Frequency Filtering
Due to its low inductance value (27 nH), it is optimized for high-frequency RF (Radio Frequency) applications. It blocks high-frequency noise while allowing DC or lower-frequency signals to pass.
### Impedance Matching
Commonly used in antenna circuits for mobile devices or wireless modules to match the impedance between the power amplifier and the antenna.
### Energy Storage
In small DC-DC converters, it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle to maintain a steady output voltage.
---
## 4. Physical Construction
* **Wire-Wound Technology:** The component consists of a copper wire wrapped around a ceramic core. This provides a much higher **Q-Factor** (Quality Factor) and lower **DCR** (DC Resistance) compared to multilayer inductors.
* **Terminations:** Usually gold or tin-plated end caps for high-reliability soldering.
- ⤷
What is the maximum current rating (Irms) for the AISC-1008 series?
- ⤷
How does a ceramic core inductor differ from a ferrite core in RF applications?
- ⤷
What are the typical soldering temperature profiles for 1008 SMD components?