Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ALN1970T2_17

  • AI
    Based on standard electronic component naming conventions, the **ALN1970T2_17** appears to be a specific variant of an **Aluminum Nitride (AlN)** based substrate or a high-power electronic component (often used in RF power transistors or high-thermal management modules). Below is a technical breakdown of its likely characteristics based on the nomenclature. ### 1. Component Classification | Category | Description | | :--- | :--- | | **Material Base** | Aluminum Nitride (AlN) | | **Primary Use** | High-power RF amplification, Thermal Management | | **Key Property** | High thermal conductivity with electrical insulation | --- ### 2. Technical Specifications (General Profile) Aluminum Nitride components like the ALN1970 series are designed for environments where heat dissipation is critical. * **Thermal Conductivity:** Typically ranges from **170 to 230 W/mK**, which is significantly higher than Alumina ($Al_2O_3$). * **Dielectric Constant:** Usually around **8.5 to 9.0** at 1 GHz. * **Coefficient of Thermal Expansion (CTE):** Approximately **4.5 ppm/°C**, closely matching Silicon (Si) and Gallium Nitride (GaN) wafers to prevent mechanical stress during temperature cycling. * **Surface Finish:** Often available as "Thin Film" or "Thick Film" compatible, with gold (Au) or silver (Ag) metallization patterns. --- ### 3. Part Number Breakdown (Estimated) | Segment | Meaning | | :--- | :--- | | **ALN** | **Aluminum Nitride** – The base ceramic material. | | **1970** | **Series/Form Factor** – Refers to specific physical dimensions or a proprietary series design. | | **T2** | **Tolerance/Thickness** – Likely indicates a "Type 2" specification or a specific thickness (e.g., 0.020 inches). | | **_17** | **Revision/Batch** – Specific version code or specialized metallization pattern (e.g., 17th revision). | --- ### 4. Common Applications These parts are typically found in high-reliability sectors: 1. **RF/Microwave Modules:** Substrates for power amplifiers and attenuators. 2. **Laser Diodes:** Heat sinks for high-brightness LEDs and industrial lasers. 3. **Power Electronics:** Insulated Gate Bipolar Transistor (IGBT) modules for electric vehicles or power grids. 4. **Aerospace:** Components requiring high reliability under extreme thermal stress. --- ### 5. Handling Precautions When working with AlN-based electronic parts: * **Brittleness:** The ceramic is fragile and can crack under mechanical shock. * **ESD Protection:** If the part includes active circuitry (like a transistor mounted on the AlN), standard Anti-Static measures are required. * **Solderability:** Ensure the metallization (often Au over Ni) is compatible with your specific solder paste profile.
    ✨ Follow-up Questions
    • What are the specific dimensions of the ALN1970T2 footprint?
    • Can this component be used as a direct replacement for Alumina (Al2O3) substrates?
    • What is the maximum operating temperature for AlN-based electronic modules?