Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ALR-013-R/BL

  • AI
    The **ALR-013-R/BL** is a specific electronic component belonging to the family of **Light Dependent Resistors (LDRs)**, also known as photoresistors. It is commonly used in light-sensing applications where resistance needs to change based on ambient light intensity. --- ## 1. Technical Specifications The ALR-013-R/BL is a Cadmium Sulfide (CdS) photoconductive cell. Below are the typical specifications for this category of part: | Parameter | Specification (Typical) | | :--- | :--- | | **Material** | Cadmium Sulfide (CdS) | | **Peak Spectral Response** | ~540 nm (Green light range) | | **Light Resistance (10 Lux)** | 10kΩ – 20kΩ | | **Dark Resistance (0 Lux)** | 1.0 MΩ (Minimum) | | **Max Voltage** | 150 VDC | | **Power Dissipation** | 100 mW | | **Operating Temperature** | -30°C to +70°C | --- ## 2. Operating Principle The ALR-013-R/BL operates on the principle of **photoconductivity**: 1. **In the Dark:** The electrons in the semiconductor material are tightly bound. The resistance is extremely high (Mega-ohms), preventing current flow. 2. **Under Light:** Photons hitting the device excite electrons, moving them into the conduction band. This drastically reduces the resistance (down to Kilo-ohms), allowing current to flow more easily. --- ## 3. Circuit Integration Example To use this part with a microcontroller like an Arduino, it is typically set up in a **Voltage Divider** configuration. ```cpp // Basic Arduino code to read ALR-013-R/BL light levels int sensorPin = A0; // LDR connected to A0 int sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); Serial.println(sensorValue); // Higher value = More Light delay(500); } ``` --- ## 4. Common Applications * **Automatic Night Lights:** Turns on a lamp when the room goes dark. * **Solar Street Lights:** Ensures the light only activates during nighttime to save energy. * **Camera Exposure Control:** Used in older or DIY camera projects to measure shutter speed requirements. * **Object Detection:** Used in light-beam alarms (when an object blocks the light to the LDR). --- ## 5. Key Advantages & Limitations ### Advantages * **Low Cost:** Very inexpensive compared to photodiodes. * **Ease of Use:** Acts like a variable resistor; no complex digital protocols needed. * **Sensitivity:** Highly sensitive to a wide range of visible light. ### Limitations * **Response Time:** Slow reaction to changes in light (latency). * **Hysteresis:** The resistance value can depend on the previous lighting state. * **Environmental Impact:** Contains Cadmium, which is subject to RoHS restrictions in some regions.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an LDR like the ALR-013 and a photodiode?
    • ⤷ How do I calculate the output voltage in a voltage divider circuit using this LDR?
    • ⤷ Are there RoHS-compliant alternatives to CdS photoresistors?