Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ALR-313-R/Q

  • AI
    The **ALR-313-R/Q** series refers to a specific line of **Long Range RFID Readers** manufactured by Alien Technology. These devices are industrial-grade RFID interrogators designed for supply chain, logistics, and asset tracking applications. --- ## 1. Core System Architecture The electronic design of the ALR-313 series is built around a high-performance digital signal processor (DSP) and a sensitive radio frequency (RF) front-end. | Component Category | Description | | :--- | :--- | | **Processor** | High-speed integrated CPU for handling the Linux-based OS and tag filtering. | | **RF Module** | UHF Transceiver designed for the 860-960 MHz range (Global standards). | | **Memory** | Internal Flash for firmware and SDRAM for real-time data buffering. | | **I/O Controller** | Manages external triggers, sensors, and status LEDs. | --- ## 2. Key Electronic Specifications The "R" and "Q" variants typically denote regional frequency settings (e.g., FCC for North America or ETSI for Europe) or specific port configurations. ### RF Characteristics * **Operating Frequency:** 865–928 MHz (Region dependent). * **Air Interface Protocol:** EPCglobal Class 1 Gen 2 / ISO 18000-6C. * **Transmit Power:** Adjustable up to 30.7 dBm (varies by regulatory domain). * **Modulation:** PR-ASK or SSB-ASK. ### Connectivity & Power * **Ethernet:** 10/100 Mbps Base-T (RJ-45) for data communication. * **Serial Port:** RS-232 for local configuration and legacy system integration. * **GPIO:** General Purpose Input/Output pins to connect motion sensors or light stacks. * **Power Supply:** Typically 24V DC input via an external power brick. --- ## 3. Physical Electronic Interface The reader features several physical connection points essential for its operation: 1. **Antenna Ports:** Multiple R-TNC (Reverse Polarity TNC) connectors. The "long range" capability is derived from the high sensitivity of these ports, allowing the device to pick up weak signals from passive tags. 2. **Status LEDs:** Indicators for Power, Link, Activity, and Read Status. 3. **Expansion Slot:** Internal headers for proprietary Alien expansion modules. --- ## 4. Software & Firmware Interface The hardware is controlled via the **Alien Reader Protocol (ARP)**. Developers interact with the electronics through: * **APIs:** Java, .NET, and Ruby libraries. * **Alien Gateway:** A web-based GUI for hardware diagnostics and RF tuning. ```python # Conceptual example of interacting with an ALR reader via Python import socket def get_reader_info(ip_address): # Standard Alien Reader Port is 23 (Telnet) with socket.create_connection((ip_address, 23)) as sock: sock.sendall(b"admin\n") # Username sock.sendall(b"password\n") # Password sock.sendall(b"Get Info\n") # Command to fetch hardware specs return sock.recv(1024).decode() ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific differences between the R and Q suffixes in this model?
    • ⤷ How do I configure the GPIO pins for an automated sorting system?
    • ⤷ What is the maximum number of antennas supported by the ALR-313?