ALTG-B13-R
AI

The **ALTG-B13-R** is a specific model of an **Illuminated Tactile Switch** (Push Button) commonly used in consumer electronics, industrial controls, and PC peripherals. It is known for its compact profile and integrated LED.
---
### 1. Key Technical Specifications
The following table highlights the typical electrical and mechanical characteristics for this series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Momentary Tactile Switch |
| **Mounting Type** | Through-hole (THT) or Surface Mount (SMD) |
| **Contact Rating** | 50mA @ 12V DC |
| **Contact Resistance** | 100 mΩ Max |
| **Insulation Resistance** | 100 MΩ Min @ 100V DC |
| **Operating Force** | 160gf ± 50gf (Standard) |
| **Travel Distance** | 0.25mm ± 0.1mm |
| **Illumination** | Integrated LED (Red/Green/Blue/Bi-color options) |
| **Operating Life** | 100,000 to 500,000 cycles |
---
### 2. Component Structure
The ALTG-B13-R consists of several internal electronic and mechanical layers:
* **Actuator:** The top button part that the user presses.
* **Contact Dome:** A stainless steel or copper alloy disc that provides the "click" feel and completes the electrical circuit when compressed.
* **Integrated LED:** Unlike standard switches, the LED is built directly into the housing, saving PCB space and ensuring the light is centered under the button cap.
* **Terminals:** Usually 4 or 6 pins. Two pins are for the switch circuit (SPST), and the others are dedicated to the LED (Anode and Cathode).
---
### 3. Pinout Logic
While specific layouts can vary by manufacturer (often associated with brands like *Highly* or *Salecom* style clones), the general pin configuration follows this logic:
```text
Pin 1 & 2: Switch Contacts (Normally Open)
Pin 3: LED Anode (+)
Pin 4: LED Cathode (-)
```
---
### 4. Typical Applications
* **Control Panels:** Reset buttons or mode selection.
* **Audio Gear:** Mute buttons or channel selectors with visual feedback.
* **Medical Devices:** Compact interfaces requiring tactile confirmation.
* **Computer Peripherals:** Custom mechanical keyboards or macro pads.
- ⤷
What is the standard footprint/dimension for the ALTG-B13-R?
- ⤷ How do I calculate the resistor value for the integrated LED?
- ⤷ Is there an SMD version of this switch available?