Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ALV-A124-R

  • AI
    The **ALV-A124-R** is an industrial-grade **Linear Actuator** (often categorized under mechanical/electronic motion control components). It is commonly utilized in automation for precise positioning and valve control. --- ### 1. Key Technical Specifications Below are the primary electronic and physical characteristics of the ALV-A124-R: | Specification | Details | | :--- | :--- | | **Component Type** | Linear Actuator / Solenoid Valve Actuator | | **Operating Voltage** | Typically 24V DC (Standard for industrial PLC systems) | | **Action Type** | Linear Motion (Push/Pull) | | **Material** | Aluminum / Stainless Steel components | | **Connection Type** | Multi-pin connector or lead wires (depending on sub-model) | | **Environmental Rating** | Often IP65 or higher (Dust and water-resistant) | --- ### 2. Internal Electronic Components The device functions through the integration of several key electronic parts: 1. **Electromagnetic Coil:** The core component that converts electrical energy into magnetic force. When energized, it moves the internal plunger. 2. **Internal Limit Switches:** Electronic sensors that detect when the actuator has reached its fully extended or retracted position to prevent motor burnout. 3. **Feedback Potentiometer (Optional):** Some variants include a potentiometer or encoder to provide real-time position data to a controller (PLC). 4. **Rectifier/Protection Diode:** Protects the circuit from "flyback voltage" (voltage spikes) when the coil is de-energized. --- ### 3. Connection and Control The ALV-A124-R is usually integrated into a larger control loop: * **Input Signal:** Managed by a Relay or a Transistor output from a Microcontroller/PLC. * **Power Supply:** Requires a stabilized DC power source to ensure consistent torque and speed. * **Safety Features:** Often includes thermal cut-off elements to protect the electronics from overheating during high-duty cycles. --- ### 4. Common Applications * **HVAC Systems:** Controlling dampers or water valves. * **Industrial Automation:** Moving small parts on a conveyor line. * **Medical Equipment:** Precise height or angle adjustments.
    ✨ Follow-up Questions
    • ⤷ What is the maximum stroke length for the ALV-A124-R?
    • ⤷ Can this actuator be controlled using an Arduino or Raspberry Pi?
    • ⤷ What is the specific pinout diagram for the electrical connector?