ALV-C13-R
AI

## ALV-C13-R Electronic Component Overview
The **ALV-C13-R** is a specific electronic component typically identified as a **Power Entry Module (PEM)** or a **C13 Power Connector**. These are widely used in industrial and consumer electronics to facilitate a safe, standardized connection between a device and an AC power source.
---
### 1. Key Technical Specifications
The following table outlines the general electronic characteristics associated with C13-style power inlets like the ALV-C13-R:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | IEC 60320 C13 (Female Inlet/Outlet) |
| **Rated Voltage** | 250V AC |
| **Rated Current** | 10A (International) / 15A (North America) |
| **Mounting Type** | Snap-in or Screw Mount |
| **Termination Style** | Solder tabs or Quick-connect terminals |
| **Housing Material** | Thermoplastic (UL 94V-0 Flame Retardant) |
| **Contact Material** | Copper Alloy (Nickel or Tin Plated) |
---
### 2. Physical Design and Construction
The "R" suffix in the part number often denotes a specific orientation or mounting style, such as **Right-angle** or **Rear-mount**.
* **Insulation:** The body is made of high-grade plastic to prevent electrical arcing and ensure user safety.
* **Terminals:** Usually features three terminals (Line, Neutral, and Ground). In the ALV series, these are often designed for easy soldering to a PCB or crimping to internal wires.
* **Retention:** Many models include a locking mechanism or friction-fit design to prevent the power cord from accidentally unplugging due to vibration.
---
### 3. Common Applications
The ALV-C13-R is a foundational component in the following devices:
1. **Computer Hardware:** Used in Desktop PSUs (Power Supply Units).
2. **Audio/Visual Equipment:** Found on the back of amplifiers, professional monitors, and stage lighting.
3. **Medical Devices:** Integrated into diagnostic machines where a secure power connection is vital.
4. **Industrial Machinery:** Used as the primary power input for control panels.
---
### 4. Safety and Compliance
To be used in commercial products, these components must adhere to international safety standards:
* **UL/CSA:** Standard for safety in the US and Canada.
* **VDE/TUV:** European safety certifications.
* **RoHS:** Ensuring the part is free from hazardous substances like lead and cadmium.
- ⤷
What is the difference between a C13 and a C14 connector in this series?
- ⤷ How do I determine the correct wire gauge for the ALV-C13-R terminals?
- ⤷ Are there waterproof versions of the ALV-C13-R for outdoor use?